Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZMT31 Datasheet(PDF) 1 Page - Zetex Semiconductors

Part # ZMT31
Description  ANGLE SENSOR
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZETEX [Zetex Semiconductors]
Direct Link  http://www.diodes.com/
Logo ZETEX - Zetex Semiconductors

ZMT31 Datasheet(HTML) 1 Page - Zetex Semiconductors

  ZMT31 Datasheet HTML 1Page - Zetex Semiconductors ZMT31 Datasheet HTML 2Page - Zetex Semiconductors ZMT31 Datasheet HTML 3Page - Zetex Semiconductors ZMT31 Datasheet HTML 4Page - Zetex Semiconductors ZMT31 Datasheet HTML 5Page - Zetex Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
DESCRIPTION
The ZMT31 allows the contactless counting of thr revolutions of a rotating magnet
which is mounted on the axis of a wheel. Zero output voltages of the Wheatstones
bridges are used as trigger signals. The sense of rotation of the wheel is taken into
account by comparing the signal outputs of both Wheatstone bridges which are
proportional to sin2( ) or sin2( +45 ). the angle can be determined by evaluating
these signals. Alternatively it is possible to use the voltage signals of four half
bridges which are trimmed on Vb/2.
FEATURES
· Measures the magnetic field hrot (> 50kA/m)
generated by a permanent magnet which rotates
over the sensor
· Magnetic field hrot parallel to the chip surface causes
a sinusoidal output signal
· Package : SM-8 (available on 12mm tape)
APPLICATION
· Contactless counting of the revolutions of a rotating
magnet (watermeters etc.)
· Contactless angular measurement
· Automotive (pedal position etc.)
· Contactless rotary switches
· Contactless potentiometer
DE VICE MARKING
· ZMT31
ZMT31
ISSUE 2 - FEBRUARY 2002
1
ANGLE SENSOR
1
4
2
3
8
5
7
6
PINOUT DIAGRAM
Pin connection:
Bridge1: pin 1: -VO
pin 5: +VO
pin 8: -VB (GND) pin 4: +VB
Bridge 2: pin 2: -VO
pin 6: +VO
pin 7: -VB (GND) pin 3: +VB
VO - output voltage VB - supply voltage
DEVICE
REEL
SIZE
TAPE
WIDTH
QUANTITY
PER REEL
ZMT31TA
7
12mm
1000
ZMT31TC
13
12mm
4000
ORDERING INFORMATION


Similar Part No. - ZMT31

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZMT31 ZETEX-ZMT31 Datasheet
56Kb / 4P
ANGLE SENSOR
logo
Diodes Incorporated
ZMT31 DIODES-ZMT31 Datasheet
63Kb / 4P
ANGLE SENSOR
JUNE 2004
logo
Zetex Semiconductors
ZMT31TA ZETEX-ZMT31TA Datasheet
56Kb / 4P
ANGLE SENSOR
logo
Diodes Incorporated
ZMT31TA DIODES-ZMT31TA Datasheet
63Kb / 4P
ANGLE SENSOR
JUNE 2004
logo
Zetex Semiconductors
ZMT31TC ZETEX-ZMT31TC Datasheet
56Kb / 4P
ANGLE SENSOR
More results

Similar Description - ZMT31

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
KMA200 PHILIPS-KMA200 Datasheet
135Kb / 31P
Programmable angle sensor
Rev. 05-16 August 2005
logo
Zetex Semiconductors
ZMT31 ZETEX-ZMT31_04 Datasheet
56Kb / 4P
ANGLE SENSOR
logo
NXP Semiconductors
KMA199E NXP-KMA199E Datasheet
166Kb / 31P
Programmable angle sensor
Rev. 01-18 October 2007
logo
List of Unclassifed Man...
KMT32B ETC2-KMT32B Datasheet
315Kb / 7P
MAGNETIC ANGLE SENSOR
logo
Diodes Incorporated
ZMT31 DIODES-ZMT31 Datasheet
63Kb / 4P
ANGLE SENSOR
JUNE 2004
logo
Infineon Technologies A...
TLE5011 INFINEON-TLE5011_11 Datasheet
577Kb / 45P
GMR Angle Sensor
March 2011
logo
NXP Semiconductors
KMA200 PHILIPS-KMA200_11 Datasheet
278Kb / 33P
Programmable angle sensor
Rev. 8-7 December 2011
logo
American Electronic Com...
AMR3001 AEC-AMR3001 Datasheet
439Kb / 4P
AMR Angle Sensor
logo
ALPS ELECTRIC CO.,LTD.
HGARAN008A ALPS-HGARAN008A Datasheet
1Mb / 19P
Angle Sensor
HGARAP001A ALPS-HGARAP001A Datasheet
716Kb / 19P
Angle Sensor
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com