Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISO7230CDWR Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # ISO7230CDWR
Description  HIGH SPEED, TRIPLE DIGITAL ISOLATORS
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ISO7230CDWR Datasheet(HTML) 11 Page - Texas Instruments

Back Button ISO7230CDWR Datasheet HTML 7Page - Texas Instruments ISO7230CDWR Datasheet HTML 8Page - Texas Instruments ISO7230CDWR Datasheet HTML 9Page - Texas Instruments ISO7230CDWR Datasheet HTML 10Page - Texas Instruments ISO7230CDWR Datasheet HTML 11Page - Texas Instruments ISO7230CDWR Datasheet HTML 12Page - Texas Instruments ISO7230CDWR Datasheet HTML 13Page - Texas Instruments ISO7230CDWR Datasheet HTML 14Page - Texas Instruments ISO7230CDWR Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 25 page
background image
ISO7230C, ISO7230M
ISO7231C, ISO7231M
www.ti.com
SLLS867H – SEPTEMBER 2007 – REVISED DECEMBER 2009
SWITCHING CHARACTERISTICS: VCC1 and VCC2 at 3.3-V OPERATION
over recommended operating conditions (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
tPLH, tPHL
Propagation delay
25
56
ISO723xC
See Figure 1
ns
PWD
Pulse-width distortion(1) |tPHL – tPLH|
4
tpLH, tpHL
Propagation delay
12
34
ISO723xM
ns
PWD
Pulse-width distortion(1) |tPHL – tPLH|
1
2
ISO723xC
10
tsk(pp)
Part-to-part skew (2)
ns
ISO723xM
0
5
ISO723xC
0
3
tsk(o)
Channel-to-channel output skew (3)
ns
ISO723xM
0
1
tr
Output signal rise time
2
See Figure 1
ns
tf
Output signal fall time
2
tPHZ
Propagation delay, high-level-to-high-impedance output
15
20
tPZH
Propagation delay, high-impedance-to-high-level output
15
20
See Figure 2
ns
tPLZ
Propagation delay, low-level-to-high-impedance output
15
20
tPZL
Propagation delay, high-impedance-to-low-level output
15
20
tfs
Failsafe output delay time from input power loss
See Figure 3
18
μs
150 Mbps PRBS NRZ data input, same
tjit(pp)
Peak-to-peak eye-pattern jitter
ISO723xM
1
ns
polarity input on all channels, See Figure 5
(1)
Also referred to as pulse skew.
(2)
tsk(pp) is the magnitude of the difference in propagation delay times between any specified terminals of two devices when both devices
operate with the same supply voltages, at the same temperature, and have identical packages and test circuits.
(3)
tsk(o) is the skew between specified outputs of a single device with all driving inputs connected together and the outputs switching in the
same direction while driving identical specified loads.
Copyright © 2007–2009, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Link(s): ISO7230C, ISO7230M ISO7231C, ISO7231M



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com