Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD7626 Datasheet(PDF) 13 Page - Analog Devices

Part # AD7626
Description  16-Bit, 10 MSPS, PulSAR Differential ADC
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7626 Datasheet(HTML) 13 Page - Analog Devices

Back Button AD7626 Datasheet HTML 9Page - Analog Devices AD7626 Datasheet HTML 10Page - Analog Devices AD7626 Datasheet HTML 11Page - Analog Devices AD7626 Datasheet HTML 12Page - Analog Devices AD7626 Datasheet HTML 13Page - Analog Devices AD7626 Datasheet HTML 14Page - Analog Devices AD7626 Datasheet HTML 15Page - Analog Devices AD7626 Datasheet HTML 16Page - Analog Devices AD7626 Datasheet HTML 17Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 28 page
background image
AD7626
Rev. A | Page 13 of
41
30,206
201,614
30,250
33
0
50,000
100,000
150,000
200,000
250,000
FEC8
FEC9
FECA
FECB
FECC
FECD
FECE
CODE (HEX)
0
0
262,144 SAMPLES
STD DEVIATION = 0.4814
Figure 23. Histogram of 262,144 Conversions of a DC Input
at the Code Center (External Reference)
2130
128,084
129,601
2329
0
20,000
40,000
60,000
80,000
100,000
120,000
140,000
FEC6
FEC7
FEC8
FEC9
FECA
FECB
CODE (HEX)
00
262,144 SAMPLES
STD DEVIATION = 0.5329
Figure 24. Histogram of 262,144 Conversions of a DC Input
at the Code Transition
0.30
–0.30
–0.25
–0.20
–0.15
–0.10
–0.05
0
0.05
0.10
0.15
0.20
0.25
0
16,384
32,768
49,152
65,536
CODE
Figure 25. Differential Nonlinearity vs. Code (25ºC)
0.8
–0.8
–0.6
–0.4
–0.2
0
0.2
0.4
0.6
0
16,384
32,768
49,152
65,536
CODE
+85°C
+25°C
–40°C
Figure 26. Integral Nonlinearity vs. Code vs. Temperature



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com