Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD7626 Datasheet(PDF) 21 Page - Analog Devices

Part # AD7626
Description  16-Bit, 10 MSPS, PulSAR Differential ADC
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7626 Datasheet(HTML) 21 Page - Analog Devices

Back Button AD7626_09 Datasheet HTML 17Page - Analog Devices AD7626_09 Datasheet HTML 18Page - Analog Devices AD7626_09 Datasheet HTML 19Page - Analog Devices AD7626_09 Datasheet HTML 20Page - Analog Devices AD7626_09 Datasheet HTML 21Page - Analog Devices AD7626_09 Datasheet HTML 22Page - Analog Devices AD7626_09 Datasheet HTML 23Page - Analog Devices AD7626_09 Datasheet HTML 24Page - Analog Devices AD7626_09 Datasheet HTML 25Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 28 page
background image
AD7626
Rev. A | Page 21 of 2
Wake-Up Time from EN1= 0, EN0 = 0
The AD7626 powers down when EN1 and EN0 are both set to
0. Selecting the correct reference choice from power-down, the
user sets EN1 and EN0 to the required value shown in Table 8.
The user may immediately apply CNV pulses to receive data
conversion results. Typical wake-up times for the selected
reference settings are shown in Table 9. Each time represents
the duration from the EN1, EN0 logic transition to when the
output of the ADC is settled to 0.5 LSB accuracy.
Table 9. Wake-Up Time from EN1=0, EN0 = 0
Reference Mode
EN1
EN0
Wake-Up
Time (0.5 LSB
Accuracy)
A
Power-up
Internal reference and inter-
nal reference buffer in use
1
1
9.5 sec
B
External 1.2 V reference
applied to REFIN pin
0
1
25 ms
C
External 4.096 V reference
applied to REF pin
1
0
65 μs
POWER SUPPLY
The AD7626 uses both 5 V (VDD1) and 2.5 V (VDD2) power
supplies, as well as a digital input/output interface supply (VIO).
VIO allows a direct interface with 2.5 V logic only. VIO and
VDD2 can be taken from the same 2.5 V source; however, it is
best practice to isolate the VIO and VDD2 pins using separate
traces as well as to decouple each pin separately.
The 5 V and 2.5 V supplies required for the AD7626 can be
generated using Analog Devices, Inc., LDOs such as
the ADP3330-2.5, ADP3330-5, ADP3334, and ADP1708.
50
55
60
65
70
75
80
85
90
1
10
100
1k
10k
SUPPLY FREQUENCY (Hz)
INTERNAL REFERENCE USED
VDD2
VDD1
Figure 38. PSRR vs. Supply Frequency
(350 mV pp Ripple on VDD2, 600 mV Ripple on VDD1)
Power-Up
When powering up the AD7626 device, first apply the 2.5 V
VDD2 supply and VIO voltage to the device. After the VIO and
2.5 V VDD2 have been established, apply the 5 V VDD1 supply.
If using an external reference with the AD7626, ensure that the
EN0 and EN1 pins are connected to the correct logic values
associated with the reference option of choice and then apply
the external reference voltage. Finally, apply the analog inputs to
the ADC.
25
20
15
10
5
0
01
8
6
4
2
THROUGHPUT (MSPS)
0
VDD1 EXTERNAL
REFERENCE
VDD1 INTERNAL
REFERENCE
VDD2 INTERNAL
REFERENCE
VDD2 EXTERNAL
REFERENCE
VIO EXTERNAL
REFERENCE
VIO INTERNAL
REFERENCE
Figure 39. Current Consumption vs. Sampling Rate
160
140
120
100
80
60
40
20
0
01
9
8
7
6
5
4
3
2
1
THROUGHPUT (MSPS)
0
INTERNAL REFERENCE
EXTERNAL REFERENCE
Figure 40. Power Dissipation vs. Sampling Rate



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com