Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9265 Datasheet(PDF) 13 Page - Analog Devices

Part # AD9265
Description  16-Bit, 125 MSPS/105 MSPS/80 MSPS 1.8 V Analog-to-Digital Converter
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9265 Datasheet(HTML) 13 Page - Analog Devices

Back Button AD9265 Datasheet HTML 9Page - Analog Devices AD9265 Datasheet HTML 10Page - Analog Devices AD9265 Datasheet HTML 11Page - Analog Devices AD9265 Datasheet HTML 12Page - Analog Devices AD9265 Datasheet HTML 13Page - Analog Devices AD9265 Datasheet HTML 14Page - Analog Devices AD9265 Datasheet HTML 15Page - Analog Devices AD9265 Datasheet HTML 16Page - Analog Devices AD9265 Datasheet HTML 17Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 44 page
background image
AD9265
Rev. A | Page 13 of 44
1
2
3
4
5
6
7
8
9
10
11
12
SYNC
CLK+
CLK–
AVDD
AVDD
OEB
DCO–
DCO+
D0/1–
D0/1+
D2/3–
D2/3+
DITHER
AVDD
SVDD
CSB
SCLK/DFS
SDIO/DCS
DRVDD
OR+
OR–
D14/15+
D14/15–
35
AVDD
36
34
33
32
31
30
29
28
27
26
25
AD9265
INTERLEAVED
LVDS
TOP VIEW
(Not to Scale)
PIN 1
INDICATOR
NOTES
1. DNC = DO NOT CONNECT.
2. THE EXPOSED THERMAL PAD ON THE BOTTOM OF THE PACKAGE
PROVIDES THE ANALOG GROUND FOR THE PART. THIS EXPOSED PAD
MUST BE CONNECTED TO GROUND FOR PROPER OPERATION.
Figure 5. LFCSP Interleaved Parallel LVDS Pin Configuration (Top View)
Table 9. Pin Function Descriptions (Interleaved Parallel LVDS Mode)
Pin No.
Mnemonic
Type
Description
ADC Power Supplies
13, 20, 29
DRVDD
Supply
Digital Output Driver Supply (1.8 V Nominal).
4, 5, 34, 36, 45
AVDD
Supply
Analog Power Supply (1.8 V Nominal).
33
SVDD
Supply
SPI Input/Output Voltage.
39, 40
DNC
Do Not Connect.
0
AGND
Ground
Analog Ground. The exposed thermal pad on the bottom of the package provides the
analog ground for the input. This exposed pad must be connected to ground for proper
operation.
ADC Analog
42
VIN+
Input
Differential Analog Input Pin (+).
43
VIN−
Input
Differential Analog Input Pin (−).
38
VREF
Input/output
Voltage Reference Input/Output.
37
SENSE
Input
Voltage Reference Mode Select. See Table 11 for details.
47
RBIAS
Input/output
External Reference Bias Resistor.
46
VCM
Output
Common-Mode Level Bias Output for Analog Inputs.
2
CLK+
Input
ADC Clock Input—True.
3
CLK−
Input
ADC Clock Input—Complement.
Digital Input
1
SYNC
Input
Digital Synchronization Pin. Slave mode only.
Digital Outputs
10
D0/1+
Output
LVDS Output Data Bit 0/Bit 1 (LSB)—True.
9
D0/1−
Output
LVDS Output Data Bit 0/Bit 1 (LSB)—Complement.
12
D2/3+
Output
LVDS Output Data Bit 2/Bit 3—True.
11
D2/3−
Output
LVDS Output Data Bit 2/Bit 3—Complement.
15
D4/5+
Output
LVDS Output Data Bit 4/Bit 5—True.
14
D4/5−
Output
LVDS Output Data Bit 4/Bit 5—Complement.
17
D6/7+
Output
LVDS Output Data Bit 6/Bit 7—True.
16
D6/7−
Output
LVDS Output Data Bit 6/Bit 7—Complement.
19
D8/9+
Output
LVDS Output Data Bit 8/Bit 9 —True.
18
D8/9−
Output
LVDS Output Data Bit 8/Bit 9—Complement.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com