Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74LVC14AD Datasheet(PDF) 43 Page - Analog Devices

Part # 74LVC14AD
Description  ADSP-BF506F EZ-KIT Lite짰 Evaluation System Manual
PDF  75 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

74LVC14AD Datasheet(HTML) 43 Page - Analog Devices

Back Button 74LVC14AD Datasheet HTML 39Page - Analog Devices 74LVC14AD Datasheet HTML 40Page - Analog Devices 74LVC14AD Datasheet HTML 41Page - Analog Devices 74LVC14AD Datasheet HTML 42Page - Analog Devices 74LVC14AD Datasheet HTML 43Page - Analog Devices 74LVC14AD Datasheet HTML 44Page - Analog Devices 74LVC14AD Datasheet HTML 45Page - Analog Devices 74LVC14AD Datasheet HTML 46Page - Analog Devices 74LVC14AD Datasheet HTML 47Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 75 page
background image
ADSP-BF506F EZ-KIT Lite Evaluation System Manual
2-9
ADSP-BF506F EZ-KIT Lite Hardware Reference
Push Button Enable Switch (SW3)
The push button enable switch (SW3) disconnects the associated push but-
ton circuit from the general-purpose I/O (GPIO) pins of the processor
and allows the signals to be used on the expansion interface.
ADC Enable Switch (SW4)
The ADC enable switch (SW4) disconnects the ADC from the SPORT1
interface of the processor and allows the ADC signals to be used on the
SD connector or the expansion interface.
CAN Enable Switch (SW5)
The CAN enable switch (SW5) disconnects the CAN transceiver from the
processor and allows the CAN signals to be used on the expansion
interface.
Reset Push Button (SW6)
The reset push button (SW6) resets the processor via a hardware reset. The
reset push button does not reset the on-board debug agent. The only way
to reset the debug agent is to cycle power.
6
Reserved
7
Boots through UART0 slave from host device
Table 2-5. Boot Mode Select Switch (SW2) (Cont’d)
SW2 Position
Processor Boot Mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com