Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8022ARMZ Datasheet(PDF) 29 Page - Analog Devices

Part # AD8022ARMZ
Description  ADSP-BF506F EZ-KIT Lite짰 Evaluation System Manual
PDF  75 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8022ARMZ Datasheet(HTML) 29 Page - Analog Devices

Back Button AD8022ARMZ Datasheet HTML 25Page - Analog Devices AD8022ARMZ Datasheet HTML 26Page - Analog Devices AD8022ARMZ Datasheet HTML 27Page - Analog Devices AD8022ARMZ Datasheet HTML 28Page - Analog Devices AD8022ARMZ Datasheet HTML 29Page - Analog Devices AD8022ARMZ Datasheet HTML 30Page - Analog Devices AD8022ARMZ Datasheet HTML 31Page - Analog Devices AD8022ARMZ Datasheet HTML 32Page - Analog Devices AD8022ARMZ Datasheet HTML 33Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 75 page
background image
ADSP-BF506F EZ-KIT Lite Evaluation System Manual
1-9
Using ADSP-BF506F EZ-KIT Lite
By default, the EZ-KIT Lite boots from SPI flash memory. The processor
boots from internal parallel flash memory if the boot mode select switch
(SW2) is set to position 1 or 2; see “Boot Mode Select Switch (SW2)” on
page 2-8.
Flash memory code can be modified. For instructions, refer to the online
Help and example program included in the EZ-KIT Lite installation
directory.
SPI Flash Memory Interface
SPI flash memory of the ADSP-BF506F EZ-KIT Lite is a 16 Mb Num-
onyx M25P16 device. The device is selected via SPI0_SEL1.
SPI flash memory is pre-loaded with boot code for the power-on-self test
(POST) program. For more information, refer to “Power-On-Self Test”
on page 1-9.
Power-On-Self Test
The power-on-self-test program (POST) tests all EZ-KIT Lite peripherals
and validates functionality as well as connectivity to the processor. Once
assembled, each EZ-KIT Lite if fully tested for an extended period of time
with a POST. All EZ-KIT Lite boards are shipped with a POST
pre-loaded into one of their on-board flash memories. The POST is exe-
cuted by resetting the board and pressing the proper push button(s). The
POST also can be used for reference for a custom software design or hard-
ware troubleshooting. Note that the source code for the POST program is
included in the VisualDSP++ installation directory along with the
readme.txt file, which describes how the board is configured to run a
POST.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com