Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS1600-FSZ Datasheet(PDF) 4 Page - Cirrus Logic

Part # CS1600-FSZ
Description  Low-cost PFC Controller for Electronic Ballasts
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS1600-FSZ Datasheet(HTML) 4 Page - Cirrus Logic

  CS1600-FSZ Datasheet HTML 1Page - Cirrus Logic CS1600-FSZ Datasheet HTML 2Page - Cirrus Logic CS1600-FSZ Datasheet HTML 3Page - Cirrus Logic CS1600-FSZ Datasheet HTML 4Page - Cirrus Logic CS1600-FSZ Datasheet HTML 5Page - Cirrus Logic CS1600-FSZ Datasheet HTML 6Page - Cirrus Logic CS1600-FSZ Datasheet HTML 7Page - Cirrus Logic CS1600-FSZ Datasheet HTML 8Page - Cirrus Logic CS1600-FSZ Datasheet HTML 9Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 18 page
background image
CS1600
4
DS904A5
2.3
Thermal Characteristics
3.
Specifications guaranteed by design & characterization.
4.
Specifications measured as an instantaneous quantity NOT as a time-averaged quantity.
5.
STBY is designed to be driven by an open-collector device. The input is internally pulled up with a 600 k
Ω resistor.
6.
The package thermal impedance is calculated in accordance with JESD 51.
7.
For an output voltage, Vout, other than 460V, the threshold scales by a factor of Vout/460
Fall Time
CL =1 nF, VDD =13 V
tf
-15
25
ns
Output Voltage Low
IGD =-200 mA,VDD =13V
VOL
-0.9
1.3
v
Output Voltage High
IGD =100 mA,VDD =13V
VOH
11.3
11.8
-
v
Feedback and Protection
Reference Current
Iref
127
130
133
μA
Overvoltage Protection Threshold
IOVP/Iref
105
107
110
%
Overvoltage Protection Current Hysteresis
IOVP(Hy)
-4
-
%
Undervoltage Protection Threshold
IUVP/Iref
83
85
87
%
Undervoltage Protection Current Hysteresis
IUVP(Hy)
-10
-
%
Overpower Protection Threshold 3,4
% of full load as defined by Eq. 3
123
125
127
%
Overpower Protection Recovery 3,4
35
49
60
%
Input Brownout Protection Threshold7
Vout = 460V, GDRV turns off
VBP(th)
82
86
90
Vrms
Input Brownout Recovery Threshold7
Vout = 460V, GDRV turns on
VBR
94
97
100
Vrms
Thermal Protection
Thermal Shutdown Threshold 3
TSD
130
143
155
ºC
Thermal Shutdown Hysteresis
TSD(Hy)
-9
-
ºC
STBY Input
Logic Threshold 5
Low
High
-
VDD – 0.8
-
-
0.8
-
V
Symbol
Parameter
Value
Unit
R
θ
JA
Thermal Resistance (Junction to Ambient)6.
TBD
ºC / W
R
θ
JC
Thermal Resistance (Junction to Case)6.
TBD
ºC / W
Parameter
Condition
Symbol
Min
Typ
Max
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com