Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PTH05050WAS Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # PTH05050WAS
Description  6-A, 5-V INPUT NON-ISOLATED WIDE OUTPUT ADJUST POWER MODULE
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PTH05050WAS Datasheet(HTML) 10 Page - Texas Instruments

Back Button PTH05050WAS Datasheet HTML 6Page - Texas Instruments PTH05050WAS Datasheet HTML 7Page - Texas Instruments PTH05050WAS Datasheet HTML 8Page - Texas Instruments PTH05050WAS Datasheet HTML 9Page - Texas Instruments PTH05050WAS Datasheet HTML 10Page - Texas Instruments PTH05050WAS Datasheet HTML 11Page - Texas Instruments PTH05050WAS Datasheet HTML 12Page - Texas Instruments PTH05050WAS Datasheet HTML 13Page - Texas Instruments PTH05050WAS Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 22 page
background image
www.ti.com
Designing for Very Fast Load Transients
Features of the PTH Family of Non-Isolated Wide Output Adjust Power Modules
POLA™ Compatibility
PTH05050W
SLTS213D – MAY 2003 – REVISED JUNE 2007
The transient response of the DC/DC converter has been characterized using a load transient with a di/dt of
1 A/
µs. The typical voltage deviation for this load transient is given in the data sheet specification table using the
optional value of output capacitance. As the di/dt of a transient is increased, the response of a converter's
regulation circuit ultimately depends on its output capacitor decoupling network. This is an inherent limitation
with any DC/DC converter once the speed of the transient exceeds its bandwidth capability. If the target
application specifies a higher di/dt or lower voltage deviation, the requirement can only be met with additional
output capacitor decoupling. In these cases special attention must be paid to the type, value and ESR of the
capacitors selected.
If the transient performance requirements exceed that specified in the data sheet, or the total amount of load
capacitance is above 3000
µF, the selection of output capacitors becomes more important.
The PTH/PTV family of non-isolated, wide-output adjust power modules from Texas Instruments are optimized
for applications that require a flexible, high performance module that is small in size. Each of these products are
POLA™ compatible. POLA-compatible products are produced by a number of manufacturers, and offer
customers advanced, non-isolated modules with the same footprint and form factor. POLA parts are also
assured to be interoperable, thereby providing customers with true second-source availability.
From the basic, Just Plug it In functionality of the 6-A modules, to the 30-A rated feature-rich PTHxx030, these
products were designed to be very flexible, yet simple to use. The features vary with each product. Table 4
provides a quick reference to the features by product series and input bus voltage.
Table 4. Operating Features by Series and Input Bus Voltage
Series
Input Bus (V)
IO (A)
Adjust
On/Off
Over-
Pre-Bias
Auto-
Margin
Output
Thermal
(Trim)
Inhibit
Current
Startup
Track™
Up/Down
Sense
Shutdown
PTHxx050
3.3/5
6
•
•
•
•
•
12
6
•
•
•
•
•
PTHxx060
3.3/5
10
•
•
•
•
•
•
•
12
8
•
•
•
•
•
•
•
PTHxx010
3.3/5
15
•
•
•
•
•
•
•
12
12
•
•
•
•
•
•
•
PTVxx010
3.3/5
8
•
•
•
•
•
•
12
8
•
•
•
•
•
•
PTHxx020
3.3/5
22
•
•
•
•
•
•
•
•
12
18
•
•
•
•
•
•
•
•
PTVxx020
3.3/5
18
•
•
•
•
•
•
•
12
16
•
•
•
•
•
•
•
PTHxx030
3.3/5
30
•
•
•
•
•
•
•
•
12
26
•
•
•
•
•
•
•
•
For simple point-of-use applications, the PTHxx050 provides operating features such as an on/off inhibit, output
voltage trim, pre-bias startup, and over-current protection. The PTHxx060 (10 A), and PTHxx010 (15/12 A)
include an output voltage sense, and margin up/down controls. Then the higher output current, PTHxx020 and
PTHxx030 products incorporate over-temperature shutdown protection.
The PTVxx010 and PTVxx020 are similar parts offered in a vertical, single in-line pin (SIP) profile, at slightly
lower current ratings. Visit www.ti.com to view other power modules not listed in Table 4.
All of the products referenced in Table 4 include Auto-Track™. This feature was specifically designed to simplify
the task of sequencing the supply voltages in a power system. This and other features are described in the
following sections.
10
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com