Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MBR130LSFT1G Datasheet(PDF) 67 Page - Analog Devices

Part # MBR130LSFT1G
Description  ADSP-BF506F EZ-KIT Lite짰 Evaluation System Manual
PDF  75 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

MBR130LSFT1G Datasheet(HTML) 67 Page - Analog Devices

Back Button MBR130LSFT1G Datasheet HTML 63Page - Analog Devices MBR130LSFT1G Datasheet HTML 64Page - Analog Devices MBR130LSFT1G Datasheet HTML 65Page - Analog Devices MBR130LSFT1G Datasheet HTML 66Page - Analog Devices MBR130LSFT1G Datasheet HTML 67Page - Analog Devices MBR130LSFT1G Datasheet HTML 68Page - Analog Devices MBR130LSFT1G Datasheet HTML 69Page - Analog Devices MBR130LSFT1G Datasheet HTML 70Page - Analog Devices MBR130LSFT1G Datasheet HTML 71Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 67 / 75 page
background image
SJ8
JUMPER
SHORTING
R71
0
0805
AGND
3.3V
0402
10K
R70
SW9
DIP6
SWT017
9
8
7
6
5
4
3
2
12
11
10
1
3.3V
C76
0.47UF
0805
AGND
0805
0.47UF
C77
330
0805
FER1
C70
0.1UF
0402
C71
10UF
0805
0402
0.1UF
C72
0805
10UF
C73
C74
10UF
0805
AGND
C75
0.1UF
0402
SW10
DIP6
SWT017
9
8
7
6
5
4
3
2
12
11
10
1
0402
10K
R69
AGND
SWT018
DIP4
SW4
8
7
6
5
4
1
3
2
3.3V
3.3V
AGND
ADC
D
4
3
2
1
A
B
C
20 Cotton Road
Nashua, NH 03063
A
B
C
D
4
3
2
1
PH: 1-800-ANALOGD
C
Title
Size
Board No.
Date
Sheet
of
DEVICES
ANALOG
Rev
A0226-2009
ADSP-BF506F EZ-KIT LITE
1.0
JP2
IDC3X1
3
2
1
3.3V
DEFAULT=2 & 3
SJ2
JUMPER
SHORTING
U7
ADSP-BF506F
LQFP120_EP
87
88
89
90
91
92
86
85
84
83
81
80
96
102
75
95
103
105
94
77
101
97
98
100
A0
A1
A2
CS
DCAPA
DCAPB
DOUTA
DOUTB
RANGE
REF_SELECT
SCLK
SGL/DIFF
VA1
VA2
VA3
VA4
VA5
VA6
VB1
VB2
VB3
VB4
VB5
VB6
P7
IDC12X2
9
8
7
6
5
4
3
24
23
22
21
20
2
19
18
17
16
15
14
13
12
11
10
1
VR5
AD780
SOIC8
5
6
2
4
8
3
TEMP
OP_SEL
GND
VIN
VOUT
TRIM
C123
0.1UF
0402
C124
10UF
0805
AGND
0402
0.1UF
C125
JP6
IDC3X2_SMT
6
5
4
3
2
1
SJ7
JUMPER
SHORTING
PS_5V
PS_5V
PS_5V
ACM_SGLDIFF/SD_D3
ACM_RANGE/SD_D2
ADC_DOUTB/SD_D1
ADC_DOUTA/SD_D0
ACM_A0
ACM_A1
ACM_A2
ADC_SCLK/SD_CLK
ADC_CS/SD_CMD
IN_VB1
IN_VB1
IN_VB2
IN_VB2
VA1
IN_VA1
IN_VA1
VB1
VB2
VA2
IN_VA2
IN_VA2
VA6
VB6
VB3
VB4
VB5
VA5
IN_VA3
IN_VA3
IN_VB3
IN_VB3
IN_VB4
IN_VB4
IN_VA4
IN_VA4
IN_VA5
IN_VA5
IN_VA6
IN_VA6
IN_VB6
IN_VB6
IN_VB5
IN_VB5
VA3
VA4
AVDD_ADC
"ADC INPUTS"
"VOLTAGE REFERENCE SELECT"
SW4 disconnects the DSP from the ADC
"ADC ENABLE"
"EXT VREF"
"ADC LOOPBACK"
SW9 & 10 are only used for POST
DEFAULT=NOT INSTALLED
DEFAULT=NOT INSTALLED
17-12-2009_16:20
5
10



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com