Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZRT050GC2 Datasheet(PDF) 3 Page - Zetex Semiconductors

Part # ZRT050GC2
Description  5.0V LOW POWER PRECISION REFERENCE SOURCE
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZETEX [Zetex Semiconductors]
Direct Link  http://www.diodes.com/
Logo ZETEX - Zetex Semiconductors

ZRT050GC2 Datasheet(HTML) 3 Page - Zetex Semiconductors

  ZRT050GC2 Datasheet HTML 1Page - Zetex Semiconductors ZRT050GC2 Datasheet HTML 2Page - Zetex Semiconductors ZRT050GC2 Datasheet HTML 3Page - Zetex Semiconductors ZRT050GC2 Datasheet HTML 4Page - Zetex Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
TYPICAL CHARACTERISTICS
ZRT050
NOTES
(a)
Output change with temperature (VR)
The absolute maximum difference between
the maximum output voltage and the
minimum output voltage over the specified
temperature range
VR = Vmax - Vmin
(b)
Output temperature coefficient (TCVR)
The ratio of
the output change with
temperature to the specified temperature
range expressed in ppm/°C
TcVR =
∆VR x 106
VR x ∆T
ppm
⁄ °C
∆T= Full temperature range
(c)
Operating current (IR)
Maximum operating current must be
derated as indicated in maximum ratings.
(d)
Slope resistance (RS)
The slope resistance is defined as :
RS =
change
in VR
specifiedcurrentrange
∆I = 5 - 0.5 = 4.5mA (typically)
(e)
Line regulation
The ratio of change in output voltage to the
change in input voltage producing it.
RS x 100
VR x Rsource
%
⁄ V
4-289



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com