Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZRT040GC2 Datasheet(PDF) 4 Page - Zetex Semiconductors

Part # ZRT040GC2
Description  4.0V LOW POWER PRECISION REFERENCE SOURCE
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZETEX [Zetex Semiconductors]
Direct Link  http://www.diodes.com/
Logo ZETEX - Zetex Semiconductors

ZRT040GC2 Datasheet(HTML) 4 Page - Zetex Semiconductors

  ZRT040GC2 Datasheet HTML 1Page - Zetex Semiconductors ZRT040GC2 Datasheet HTML 2Page - Zetex Semiconductors ZRT040GC2 Datasheet HTML 3Page - Zetex Semiconductors ZRT040GC2 Datasheet HTML 4Page - Zetex Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
SO8
Package Suffix – N8
Top View
TO18
Package Suffix – None
Bottom View –
Case is internally connected to pin 3
SOT223
Package Suffix – G
Top View
Pin 4 floating or connected to pin 2
CONNECTION DIAGRAMS
ORDERING INFORMATION
ZRT040
Part No
Tol% Gra-
de
Package Partmark
ZRT040C2
2
C
TO18
ZRT040C2
ZRT040C1
1
C
TO18
ZRT040C1
ZRT040B2
2
B
TO18
ZRT040B2
ZRT040B1
1
B
TO18
ZRT040B1
ZRT040A1
1
A
TO18
ZRT040A1
ZRT040GC2
2
C
SOT223 ZRT040C2
ZRT040GC1
1
C
SOT223 ZRT040C1
ZRT040GB2
2
B
SOT223 ZRT040B2
ZRT040GB1
1
B
SOT223 ZRT040B1
ZRT040GA1
1
A
SOT223 ZRT040A1
Part No
Tol% Gra-
de
Package Partmark
ZRT040N8C2 2
C
SO8
ZRT040C2
ZRT040N8C1 1
C
SO8
ZRT040C1
ZRT040N8B2 2
B
SO8
ZRT040B2
ZRT040N8B1 1
B
SO8
ZRT040B1
ZRT040N8A1 1
A
SO8
ZRT040A1
A Grade
-55°C to 125°C
B Grade
-40°C to 85°C
C Grade
0°C to 70°C
4-286



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com