Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACAS0612AT Datasheet(PDF) 3 Page - Vishay Siliconix

Part # ACAS0612AT
Description  Precision Thin Film Chip Resistor Array Superior Moisture Resistivity
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

ACAS0612AT Datasheet(HTML) 3 Page - Vishay Siliconix

  ACAS0612AT Datasheet HTML 1Page - Vishay Siliconix ACAS0612AT Datasheet HTML 2Page - Vishay Siliconix ACAS0612AT Datasheet HTML 3Page - Vishay Siliconix ACAS0612AT Datasheet HTML 4Page - Vishay Siliconix ACAS0612AT Datasheet HTML 5Page - Vishay Siliconix ACAS0612AT Datasheet HTML 6Page - Vishay Siliconix ACAS0612AT Datasheet HTML 7Page - Vishay Siliconix ACAS0612AT Datasheet HTML 8Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
www.vishay.com
For technical questions, contact: thinfilmarray@vishay.com
Document Number: 28770
278
Revision: 06-Nov-09
ACAS 0606 AT, ACAS 0612 AT - Precision
Vishay Beyschlag
Precision Thin Film Chip Resistor Array
Superior Moisture Resistivity
Notes
(1) Products can be ordered using either the PART NUMBER or the PRODUCT DESCRIPTION
(2)
R1 = R4 ≤ R2 = R3
(3) Please refer to table TEMPERATURE COEFFICIENT AND RESISTANCE RANGE, see below
(4) Please refer to table PACKAGING, see below
Note
(5) Please refer to TECHNICAL SPECIFICATIONS, Note (2), see above
PART NUMBER AND PRODUCT DESCRIPTION (1)
PART NUMBER: ACASA1100A2200P5AT
MODEL
TERMINAL
SIZE
RESISTANCE
VALUE (2)
ACCURACY
GRADE (3)
RESISTANCE
VALUE (2)
PACKAGING (4)
SPECIAL
ACA
S = Convex
square
N = 0606
A = 0612
3 digit
resistance
value
R1, R4
1 digit multiplier
TCR, Tracking,
Tolerance and
Matching
A, B, E, F
J, K, N or P
3 digit
resistance
value
R2, R3
1 digit multiplier
P1
P5
AT =
Automotive
MULTIPLIER
9 = *10-1
0 = *100
1 = *101
2 = *102
3 = *103
MULTIPLIER
9 = *10-1
0 = *100
1 = *101
2 = *102
3 = *103
PRODUCT DESCRIPTION: ACAS 0612 110R A 220R AT P5
ACA
S
0612
110R
A
220R
AT
P5
MODEL
TERMINAL
SIZE
RESISTANCE
VALUE
R1, R4 (2)
ACCURACY
GRADE (3)
RESISTANCE
VALUE
R2, R3 (2)
SPECIAL
PACKAGING (4)
ACA = Chip
Array
S = Convex
square
0606
0612
110R = 110
Ω
1K1 = 1.1 k
Ω
22K1 = 22.1 k
Ω
TCR, Tracking,
Tolerance and
Matching
A, B, E, F
J, K, N or P
220R = 220
Ω
1K1 = 1.1 k
Ω
22K1 = 22.1 k
Ω
AT =
Automotive
P1
P5
TEMPERATURE COEFFICIENT AND RESISTANCE RANGE
DESCRIPTION
RESISTANCE VALUE
ACCURACY
GRADE
ABSOLUTE TCR
TCR TRACKING (5)
ABSOLUTE
TOLERANCE
TOLERANCE
MATCHING (5)
ACAS 0606 AT
ACAS 0612 AT
A
± 25 ppm/K
10 ppm/K
± 0.25 %
0.1 %
47
Ω to 150 kΩ
B
± 25 ppm/K
10 ppm/K
± 0.5 %
0.25 %
47
Ω to 150 kΩ
E
± 25 ppm/K
15 ppm/K
± 0.25 %
0.1 %
47
Ω to 150 kΩ
F
± 25 ppm/K
15 ppm/K
± 0.5 %
0.25 %
47
Ω to 150 kΩ
J
± 25 ppm/K
25 ppm/K
± 0.25 %
0.1 %
47
Ω to 150 kΩ
K
± 25 ppm/K
25 ppm/K
± 0.5 %
0.25 %
47
Ω to 150 kΩ
N
± 50 ppm/K
25 ppm/K
± 0.5 %
0.5 %
47
Ω to 150 kΩ
P
± 50 ppm/K
50 ppm/K
± 0.5 %
0.5 %
47
Ω to 150 kΩ
S
A
11
00
A
2
0
C
A
A
20
5T
PA



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com