Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZRT050GA1 Datasheet(PDF) 2 Page - Zetex Semiconductors

Part # ZRT050GA1
Description  5.0V LOW POWER PRECISION REFERENCE SOURCE
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZETEX [Zetex Semiconductors]
Direct Link  http://www.diodes.com/
Logo ZETEX - Zetex Semiconductors

ZRT050GA1 Datasheet(HTML) 2 Page - Zetex Semiconductors

  ZRT050GA1 Datasheet HTML 1Page - Zetex Semiconductors ZRT050GA1 Datasheet HTML 2Page - Zetex Semiconductors ZRT050GA1 Datasheet HTML 3Page - Zetex Semiconductors ZRT050GA1 Datasheet HTML 4Page - Zetex Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
ABSOLUTE MAXIMUM RATING
Reverse Current
60mA ø
Operating Temperature
A grade
-55°C to 125°C
C grade
0°C to 70°C
Storage Temperature
TO18
-55 °C to 175 °C
SO8, SOT223 -55 °C to 125 °C
Power Dissipation (Tamb=25°C)
TO18
300mW
SO8
625mW
SOT223
2W
ø Above 25°C this figure should be linearly
derated to 12mA at 125°C
ELECTRICAL CHARACTERISTICS
( at Tamb=25°C and trim pin unless otherwise stated)
SYMBOL PARAMETER
MIN.
TYP. MAX. UNITS
COMMENTS
VR
Output voltage
1% tolerance (A1,C1)
2% tolerance (C2)
4.85
4.80
4.90
4.90
4.95
5.00
V
I
R=500µA
VTRIM
Output voltage adjustment range
5%
RT=100kΩ
TC VTRIM Change in TCVR with output
adjustment
2.5
ppm/°C/%
IR
Operating current range
0.15
60
mA
See note (c)
ton
toff
Turn-on time
Turn-off time
100
0.3
µsRL=1kΩ
enp-p
Output voltage noise
(over the range 0.1 to 10Hz)
50
µV
Peak to peak
measurement
RS
Slope resistance
1.25
2.0
Ω
IR =
0.5mA to 5mA
See note (d)
ZRT050
TEMPERATURE DEPENDENT ELECTRICAL CHARACTERISTICS
SYMBOL PARAMETER
INITIAL
VOLTAGE
TOLERANCE
%
GRADE A
-55°C TO 125°C
GRADE C
0°C TO 70°C
UNITS
TYP
MAX
TYP
MAX
VR
Output voltage
change over relevant
temperature range
(See note (a))
1 & 2
13.5
45.0
5.4
17.2
mV
TCVR
Output voltage
temperature
coefficient (See
note (b))
1 & 2
15.0
50.0
15.0
50.0
ppm/°C
4-288



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com