Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M35 Datasheet(PDF) 2 Page - Vishay Siliconix

Part # M35
Description  Wet Tantalum Capacitors Surface Mount, Molded Case
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

M35 Datasheet(HTML) 2 Page - Vishay Siliconix

  M35 Datasheet HTML 1Page - Vishay Siliconix M35 Datasheet HTML 2Page - Vishay Siliconix M35 Datasheet HTML 3Page - Vishay Siliconix M35 Datasheet HTML 4Page - Vishay Siliconix M35 Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Document Number: 40095
For technical questions, contact: tantalum@vishay.com
www.vishay.com
Revision: 09-Sep-09
2
M35
Wet Tantalum Capacitors Surface Mount, Molded Case
Vishay
MOUNTING
Due to the size and weight of these capacitors, we recommend that a supplemental mounting restraint to be used in printed circuit
board attachment in addition to the reflowed solder.
One recommendation is to use an adhesive such as defined in the J-STD-001DS.
This is the Space Application Electronic Hardware Addendum to J-STD-001 (Requirements for Solder Electrical and Electronic
Assemblies).
RECOMMENDED REFLOW PROFILES
TYPE
Tp
Lead
(Pb) - free
TP
Sn/Pb
tp
TL
Lead
(Pb) - free
TL
Sn/Pb
Ts MIN.
Lead
(Pb) - free
Ts MIN.
Sn/Pb
Ts MAX.
Lead
(Pb) - free
Ts MAX.
Sn/Pb
ts
Lead
(Pb) - free
ts
Sn/Pb
tL
M35
260 °C
240 °C
10
217 °C
183 °C
150 °C
100 °C
200 °C
150 °C
60 to 150
60 to 90
60
25 °C
TIME (s)
ALL CASE CODES
T
p °C
T
L °C
T
s MAX. °C
T
s MIN. °C
t
p
(t
L
)
PREHEAT (t
s)
STANDARD RATINGS
CAP
(µF)
CASE
CODE
PART NUMBER
MAX. ESR
AT
+ 25 °C
MAX. IMP.
AT
- 55 °C
MAX. DCL (µA)
AT
MAX. CAPACITANCE CHANGE
(%) AT
MAX.
RIPPLE
40 kHz
rms
+ 25 °C
+ 85 °C
- 55 °C
+ 85 °C
+ 125 °C
6 WVDC AT + 85 °C . . . 4 WVDC AT + 125 °C
30
C
M35C306(1)006(2)ZS(5)
4.0
100
1.0
2.0
- 40
+ 10.5
+ 12
820
68
C
M35C686(1)006(2)ZS(5)
3.2
60
1.0
2.0
- 40
+ 14
+ 16
960
220
C
M35C227(1)006(2)ZS(5)
3.0
36
2.0
9.0
- 64
+ 13
+ 16
1000
8 WVDC AT + 85 °C . . . 5 WVDC AT + 125 °C
25
C
M35C256(1)008(2)ZS(5)
4.0
100
1.0
2.0
- 40
+ 10.5
+ 12
820
56
C
M35C566(1)008(2)ZS(5)
3.3
59
1.0
2.0
- 40
+ 14
+ 16
900
180
C
M35C187(1)008(2)ZS(5)
3.0
45
2.0
9.0
- 60
+ 13
+ 16
1000
10 WVDC AT + 85 °C . . . 7 WVDC AT + 125 °C
20
C
M35C206(1)010(2)ZS(5)
4.0
120
1.0
2.0
- 32
+ 10.5
+ 12
820
47
C
M35C476(1)010(2)ZS(5)
3.7
90
1.0
2.0
- 36
+ 14
+ 16
855
120
C
M35C127(1)010(2)ZS(5)
3.2
54
2.0
6.0
- 40
+ 14
+ 16
900
150
C
M35C157(1)010(2)ZS(5)
3.0
54
2.0
9.0
- 55
+ 13
+ 16
900
15 WVDC AT + 85 °C . . . 10 WVDC AT + 125 °C
15
C
M35C156(1)015(2)ZS(5)
4.4
155
1.0
2.0
- 24
+ 10.5
+ 12
780
33
C
M35C336(1)015(2)ZS(5)
4.0
90
1.0
2.0
- 28
+ 14
+ 16
820
82
C
M35C826(1)015(2)ZS(5)
3.9
72
2.0
6.0
- 35
+ 12
+ 16
900
100
C
M35C107(1)015(2)ZS(5)
3.9
72
2.0
9.0
- 44
+ 13
+ 16
900
25 WVDC AT + 85 °C . . . 15 WVDC AT + 125 °C
10
C
M35C106(1)025(2)ZS(5)
5.3
220
1.0
2.0
- 16
+ 8
+ 9
715
22
C
M35C226(1)025(2)ZS(5)
4.2
140
1.0
2.0
- 20
+ 10.5
+ 12
800
56
C
M35C566(1)025(2)ZS(5)
4.3
90
2.0
6.0
- 25
+ 12
+ 15
850
68
C
M35C686(1)025(2)ZS(5)
4.3
90
2.0
9.0
- 40
+ 12
+ 15
850



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com