Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCS0402AT Datasheet(PDF) 2 Page - Vishay Siliconix

Part # MCS0402AT
Description  Professional Thin Film Chip Resistor Superior Moisture Resistivity
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

MCS0402AT Datasheet(HTML) 2 Page - Vishay Siliconix

  MCS0402AT Datasheet HTML 1Page - Vishay Siliconix MCS0402AT Datasheet HTML 2Page - Vishay Siliconix MCS0402AT Datasheet HTML 3Page - Vishay Siliconix MCS0402AT Datasheet HTML 4Page - Vishay Siliconix MCS0402AT Datasheet HTML 5Page - Vishay Siliconix MCS0402AT Datasheet HTML 6Page - Vishay Siliconix MCS0402AT Datasheet HTML 7Page - Vishay Siliconix MCS0402AT Datasheet HTML 8Page - Vishay Siliconix MCS0402AT Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
MCS 0402 AT, MCT 0603 AT, MCU 0805 AT, MCA 1206 AT - Professional
Professional Thin Film Chip Resistor
Superior Moisture Resistivity
Vishay Beyschlag
Document Number: 28760
For technical questions, contact: thinfilmchip@vishay.com
www.vishay.com
Revision: 07-Dec-09
2
APPLICATION INFORMATION
The power dissipation on the resistor generates a temperature rise against the local ambient, depending on the heat flow support
of the printed-circuit board (thermal resistance). The rated dissipation applies only if the permitted film temperature is not
exceeded. Furthermore, a high level of ambient temperature or of power dissipation may raise the temperature of the solder joint,
hence special solder alloys or board materials may be required to maintain the reliability of the assembly.
These resistors do not feature a limited lifetime when operated within the permissible limits. However, resistance value drift
increasing over operating time may result in exceeding a limit acceptable to the specific application, thereby establishing a
functional lifetime. At the maximum permissible film temperature of 175 °C the useful lifetime is specified for 1000 h. The designer
may estimate the performance of the particular resistor application or set certain load and temperature limits in order to maintain
a desired stability.
MAXIMUM RESISTANCE CHANGE AT RATED DISSIPATION
Operation mode
Standard
Power
Advanced Temperature
Rated dissipation
P70
P70
P85
MCS 0402 AT
0.063 W
0.100 W
0.100 W
MCT 0603 AT
0.100 W
0.125 W
0.150 W
MCU 0805 AT
0.125 W
0.200 W
0.200 W
MCA 1206 AT
0.250 W
0.400 W
0.400 W
Film temperature
125 °C
155 °C
175 °C
Max. resistance change at rated dissipation for
resistance range:
MCS 0402 AT
47
Ω to 47 kΩ
47
Ω to 47 kΩ
47
Ω to 47 kΩ
MCT 0603 AT
47
Ω to 100 kΩ
47
Ω to 100 kΩ
47
Ω to 100 kΩ
MCU 0805 AT
47
Ω to 100 kΩ
47
Ω to 100 kΩ
47
Ω to 100 kΩ
MCA 1206 AT
47
Ω to 100 kΩ
47
Ω to 100 kΩ
47
Ω to 100 kΩ
|ΔR/R| max., after:
1000 h
≤ 0.15 %
≤ 0.3 %
≤ 0.5 %
8000 h
≤ 0.25 %
≤ 0.5 %
-
225 000 h
≤ 1.0 %
-
-



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com