Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZRT040GA1 Datasheet(PDF) 2 Page - Zetex Semiconductors

Part # ZRT040GA1
Description  4.0V LOW POWER PRECISION REFERENCE SOURCE
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZETEX [Zetex Semiconductors]
Direct Link  http://www.diodes.com/
Logo ZETEX - Zetex Semiconductors

ZRT040GA1 Datasheet(HTML) 2 Page - Zetex Semiconductors

  ZRT040GA1 Datasheet HTML 1Page - Zetex Semiconductors ZRT040GA1 Datasheet HTML 2Page - Zetex Semiconductors ZRT040GA1 Datasheet HTML 3Page - Zetex Semiconductors ZRT040GA1 Datasheet HTML 4Page - Zetex Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
ABSOLUTE MAXIMUM RATING
Reverse Current
75mA ø
Operating Temperature
A grade
-55°C to 125°C
B grade
-40°C to 85°C
C grade
0°C to 70°C
Storage Temperature
TO18
-55 °C to 175 °C
SO8, SOT223 -55 °C to 125 °C
Power Dissipation (Tamb=25°C)
TO18
300mW
SO8
625mW
SOT223
2W
ø Above 25°C this figure should be linearly
derated to 15mA at 125°C
ELECTRICAL CHARACTERISTICS
( at Tamb=25°C and Trim pin o/c unless otherwise stated)
SYMBOL
PARAMETER
MIN.
TYP. MAX. UNITS
COMMENTS
VR
Output voltage
1% tolerance (A1,C1,B1)
2% tolerance (C2,B2)
3.97
3.93
4.01
4.01
4.05
4.09
V
I
R=500µA
VTRIM
Output voltage adjustment
range
5%
RT=100kΩ
TC VTRIM
Change in T
CVR with
output adjustment
2.5
ppm/°C/%
IR
Operating current range
0.15
75
mA
ton
toff
Turn-on time
Turn-off time
40
0.3
µsR
L=1kΩ
enp-p
Output voltage noise (over
the range 0.1 to 10Hz)
50
µV
Peak to peak
measurement
RS
Slope resistance
1.1
3.0
Ω
IR=
0.5mA to 5mA
See note (c)
ZRT040
TEMPERATURE DEPENDENT ELECTRICAL CHARACTERISTICS
SYMBOL PARAMETER
INITIAL
VOLTAGE
TOL.%
GRADE A
GRADE B
GRADE C
UNIT
TYP
MAX TYP
MAX TYP
MAX
VR
Output voltage
change over relevant
temperature range
(See note (a))
1 & 2
11.0
36.0
7.5
24.0
4.2
14.0
mV
TCVR
Output voltage
temperature coefficient
(See note (b))
1 & 2
15.0
50.0
15.0
50.0
15.0
50.0
ppm/°C
4-284



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com