Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PD84010-E Datasheet(PDF) 7 Page - STMicroelectronics

Part # PD84010-E
Description  RF power transistor, LDMOST plastic family N-channel enhancement-mode lateral MOSFETs
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PD84010-E Datasheet(HTML) 7 Page - STMicroelectronics

Back Button PD84010-E Datasheet HTML 3Page - STMicroelectronics PD84010-E Datasheet HTML 4Page - STMicroelectronics PD84010-E Datasheet HTML 5Page - STMicroelectronics PD84010-E Datasheet HTML 6Page - STMicroelectronics PD84010-E Datasheet HTML 7Page - STMicroelectronics PD84010-E Datasheet HTML 8Page - STMicroelectronics PD84010-E Datasheet HTML 9Page - STMicroelectronics PD84010-E Datasheet HTML 10Page - STMicroelectronics PD84010-E Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
PD84010-E, PD84010S-E
Typical performance
7/14
Figure 7.
Pout & Id vs VGS
Figure 8.
Pout & Id vs supply voltage
Figure 9.
Pout & id vs supply voltage
Figure 10.
Pout & id vs supply voltage
Figure 11.
Gain vs Pout & Bias current
Figure 12.
Gain & efficiency vs Pout
0
2
4
6
8
10
12
14
012
3
4
56
Vgs (V)
0
0.5
1
1.5
2
2.5
3
3.5
Pout
Id
Freq = 870 MHz
Vdd = 7.5V
Pin = 200mW
0
2
4
6
8
10
12
4
5
6
7
8
9
10
11
12
13
14
Vdd (V)
0
0.5
1
1.5
2
2.5
3
Pout
Id
Freq = 870 MHz
Idq = 300mA
Pin = 200mW
0
2
4
6
8
10
12
14
16
18
20
4
5
6
7
8
9
10
11
12
13
14
Vdd (V)
0
0.5
1
1.5
2
2.5
Pout
Id
Freq = 870 MHz
Idq = 300mA
Pin = 400mW
0
4
8
12
16
20
24
28
32
4567
8
9
10
11
12
13
14
Vdd (V)
0
0.5
1
1.5
2
2.5
3
3.5
4
Pout
Id
Freq = 870 MHz
Idq = 300mA
Pin = 800mW
6
8
10
12
14
16
18
20
22
02
46
8
10
12
14
16
Pout (W)
Idq = 100mA
Idq = 300mA
Idq = 500mA
Freq = 870 MHz
Vdd = 13.6V
7.5
6
8
10
12
14
16
18
20
22
02
46
8
10
12
14
Pout (W)
0
10
20
30
40
50
60
70
80
Gain
Eff
Freq = 870 MHz
Vdd = 13.6V
Idq = 300mA
7.5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com