Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FNSAS2075 Datasheet(PDF) 2 Page - Pericom Semiconductor Corporation

Part # FNSAS2075
Description  3.3V CMOS Low-Jitter 75 MHz SAS-2 XO
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

FNSAS2075 Datasheet(HTML) 2 Page - Pericom Semiconductor Corporation

  FNSAS2075 Datasheet HTML 1Page - Pericom Semiconductor Corporation FNSAS2075 Datasheet HTML 2Page - Pericom Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
SaRonix-eCera™ is a Pericom® Semiconductor company • US: +1-408-435-0800 TW: +886-3-4518888
• www.pericom.com
All specifications are subject to change without notice.
FNSAS2075
Rev C
04/09/10
10-0020
3.3V CMOS Low-Jitter 75 MHz SAS-2 XO
Application Specific Crystal Oscillator 7.0 x 5.0mm
FNSAS2075
TM
Output Enable / Disable Function
Parameter
Min.
Typ.
Max.
Units
Notes
Input Voltage (pin 1), Output Enable
0.7 VDD
V
or open
Input Voltage (pin 1), Output Disable (low power standby)
0.3 VDD
V
Output is Hi-Z
Internal Pullup Resistance
30
kΩ
Output Disable Delay
200
ns
Output Enable Delay
2
ms
Electrical Performance
Parameter
Min.
Typ.
Max.
Units
Notes
Output Frequency
75
MHz
Supply Voltage
2.97
3.3
3.63
V
Supply Current, Output Enabled
20
mA
Supply Current, Output Disabled
10
µA
Frequency Stability
±50
ppm
See Note 1 below
Operating Temperature Range
-20
+70
°C
Output Logic 0, VOL
10% VDD
V
Output Logic 1, VOH
90% VDD
V
Output Load
15
pF
Duty Cycle
45
55
%
Measured 50% VDD
Rise and Fall Time
3.5
ns
Measured 20/80% of waveform
Jitter, Phase RMS (1-σ)
0.25
0.5
ps
12kHz to 20 MHz frequency band
Jitter, pk-pk
21
30
ps
100.000 random periods
Notes:
1.
Stability includes all combinations of operating temperature, load changes, rated input (supply) voltage changes, initial calibration tolerance (25°C),
aging (1 year at 25°C average effective ambient temperature), shock and vibration.
2.
For specifications othere than those listed, please contact sales.
Absolute Maximum Ratings
Parameter
Min.
Typ.
Max.
Units
Notes
Storage Temperature
-55
+125
°C
For the latest product information visit:
http://www.pericom.com/products/timing/oscillators/FNSAS2075/
For test circuit go to:
http://www.pericom.com/pdf/sre/tc_hcmos.pdf
For soldering reflow profile and reliability test ratings go to:
http://www.pericom.com/pdf/sre/reflow.pdf
For typical phase noise go to:
http://www.pericom.com/pdf/sre/pn_FNSAS2075.pdf
For tape and reel information go to:
http://www.pericom.com/pdf/sre/tr_7050.pdf
2



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com