Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SS441R Datasheet(PDF) 1 Page - Honeywell Solid State Electronics Center

Part # SS441R
Description  Unipolar Hall-Effect Digital Position Sensors
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HONEYWELL [Honeywell Solid State Electronics Center]
Direct Link  http://honeywell.com/Pages/Home.aspx
Logo HONEYWELL - Honeywell Solid State Electronics Center

SS441R Datasheet(HTML) 1 Page - Honeywell Solid State Electronics Center

  SS441R Datasheet HTML 1Page - Honeywell Solid State Electronics Center SS441R Datasheet HTML 2Page - Honeywell Solid State Electronics Center SS441R Datasheet HTML 3Page - Honeywell Solid State Electronics Center SS441R Datasheet HTML 4Page - Honeywell Solid State Electronics Center  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
SS340RT and SS440R
Series
Unipolar Hall-Effect Digital
Position Sensors
DESCRIPTION
The SS340RT Series and SS440R Series sensors are small,
versatile digital Hall-effect devices that are operated by the
magnetic field from a permanent magnet or an electromagnet.
They are designed to respond to a single pole: North
(SS340RT Series) or South (SS440R Series).
These unipolar sensors are supplied in three different magnetic
sensitivities to meet a wide range of potential applications. The
SS341RT and SS441R offer the highest sensitivity, with a
typical operating point of 85 G at 25 °C [77 °F]; the SS343RT
and SS443R offer medium sensitivity with 125 G typical at
25 °C [77 °F]; the SS349RT and SS449R offer the lowest
sensitivity, requiring 350 G typical to operate at 25 °C [77 °F].
These sensors are available in two package styles. The
SS340RT Series is available in the miniature SOT-23 surface
mount package; the SS440R is available in the leaded, flat TO-
92-style package. The SS340RT’s small size requires less PC
board space, allowing it to be used in smaller assemblies. Its
3 V capability allows for use in low voltage applications,
promoting energy efficiency.
The SS340RT Series is available on tape and reel (3000 units
per reel); the SS440R Series is available in a bulk package
(1000 units per bag).
FEATURES/BENEFITS
•
Subminiature package size (SS340RT Series) supplied on
tape and reel allows for a compact design with automated
component placement, helping to reduce manufacturing
costs
•
Simple activation from a single pole and multiple magnetic
sensitivities (high, medium and low) make this product
suitable in a variety of potential motion control, lid closure
detection, and displacement sensing applications
•
Low voltage 3 V capability helps reduce power
consumption
•
Built-in reverse polarity protection protects the device from
potential damage during installation
•
Thermally balanced integrated circuit provides for stable
operation over a wide temperature range, from -40 °C to
150 °C [-40 °F to 302 °F]
•
RoHS-compliant materials meet Directive 2002/95/EC
POTENTIAL APPLICATIONS
•
Door or lid closure detection
•
Speed and RPM (revolutions per minute) sensing in
fitness equipment
•
Flow rate sensing in industrial processes, appliances, or
water softeners
•
Damper or valve position control in industrial, HVAC or
residential or commercial applications
•
Robotic control (cylinder position monitoring)
•
Float-based fluid level sensing
•
Displacement sensor in hospital beds or medical
equipment
•
Medication bin monitor on portable drug carts
•
Printer head position sensing


Similar Part No. - SS441R

ManufacturerPart #DatasheetDescription
logo
SEC Electronics Inc.
SS441 SECELECTRONICS-SS441 Datasheet
183Kb / 6P
Unipolar Hall-Effect Digital Switch
logo
Honeywell Solid State E...
SS441A HONEYWELL-SS441A Datasheet
245Kb / 3P
Interactive Catalog Replaces Catalog Pages
SS441A HONEYWELL-SS441A Datasheet
394Kb / 7P
Temperature Compensated Digital Hall-Effect Sensor ICs
April 2012
SS441A-L HONEYWELL-SS441A-L Datasheet
394Kb / 7P
Temperature Compensated Digital Hall-Effect Sensor ICs
April 2012
SS441A-T2 HONEYWELL-SS441A-T2 Datasheet
394Kb / 7P
Temperature Compensated Digital Hall-Effect Sensor ICs
April 2012
More results

Similar Description - SS441R

ManufacturerPart #DatasheetDescription
logo
Honeywell Solid State E...
SS345PT HONEYWELL-SS345PT Datasheet
431Kb / 4P
Unipolar Hall-Effect Digital Position Sensors With Built-in Pull-up Resistor
SS351AT HONEYWELL-SS351AT Datasheet
433Kb / 4P
Omnipolar Hall-effect Digital Position Sensors
logo
SEC Electronics Inc.
SS443 SECELECTRONICS-SS443 Datasheet
182Kb / 6P
Unipolar Hall-Effect Digital Switch
SS1103 SECELECTRONICS-SS1103 Datasheet
163Kb / 5P
Unipolar Hall-Effect Digital Switch
SS3144 SECELECTRONICS-SS3144 Datasheet
183Kb / 6P
Unipolar Hall-Effect Digital Switch
SS189 SECELECTRONICS-SS189 Datasheet
210Kb / 5P
Unipolar Hall-Effect Digital Switch
SS118 SECELECTRONICS-SS118_13 Datasheet
182Kb / 5P
Unipolar Hall-Effect Digital Switch
SS133 SECELECTRONICS-SS133_14 Datasheet
234Kb / 6P
Unipolar Hall-Effect Digital Switch
logo
Honeywell Accelerometer...
SS551AT HONEYWELL-ACC-SS551AT Datasheet
432Kb / 4P
Omnipolar Hall-effect Digital Position Sensors
logo
SEC Electronics Inc.
S3144 SECELECTRONICS-S3144_13 Datasheet
235Kb / 6P
Unipolar Hall-Effect Digital Switch
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com