Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SS443R Datasheet(PDF) 2 Page - Honeywell Solid State Electronics Center

Part # SS443R
Description  Unipolar Hall-Effect Digital Position Sensors
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HONEYWELL [Honeywell Solid State Electronics Center]
Direct Link  http://honeywell.com/Pages/Home.aspx
Logo HONEYWELL - Honeywell Solid State Electronics Center

SS443R Datasheet(HTML) 2 Page - Honeywell Solid State Electronics Center

  SS443R Datasheet HTML 1Page - Honeywell Solid State Electronics Center SS443R Datasheet HTML 2Page - Honeywell Solid State Electronics Center SS443R Datasheet HTML 3Page - Honeywell Solid State Electronics Center SS443R Datasheet HTML 4Page - Honeywell Solid State Electronics Center  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
SS340RT and SS440R Series
2
www.honeywell.com/sensing
Table 1. SS340RT and SS440R Series Specifications (At Vs=3.0 to 24 Vdc, 20 mA load, TA = -40 ºC to 150 ºC [-40 ºF to 257 ºF])
Characteristic
Condition
Minimum
Typical
Maximum
Unit
Supply voltage:
1
SS440R Series
-40 °C to 150 °C [-40 °F to 302 °F]
3
–
24
SS340RT Series
-40 °C to 125 °C [-40 °F to 257 °F]
3
–
24
SS340RT Series
150 °C [302 °F]
3
–
12
Vdc
Supply current
Vsupply = 5 V at 25 °C [77 °F]
Vsupply = 3 V at 25 °C [77 °F]
–
–
–
4
3.5
–
6
5
8
mA
Vsat
at 20 mA, gauss >Bop
–
–
0.4
Vdc
Output leakage current
gauss >Bop
–
–
10
µA
Output switching time:
rise
fall
Vsupply = 12 V at 25 °C [77 °F],
R
L =1.6 kOhm, CL = 20 pF
–
–
–
–
1.5
1.5
µs
Thermal resistance:
SS440R Series
233
SS340RT Series
–
–
303
–
°C/W
Operate:
SS341RT/SS441R
35
85
135
SS343RT/SS443R
45
125
205
SS349RT/SS449R
–
240
350
460
gauss
Release:
SS341RT/SS441R
10
50
120
SS343RT/SS443R
40
90
180
SS349RT/SS449R
–
135
250
370
gauss
Differential:
SS341RT/SS441R
5
35
80
SS343RT/SS443R
5
35
120
SS349RT/SS449R
–
30
100
170
gauss
Operating temperature
–
-40 [-40]
–
150 [302]
°C [°F]
Storage temperature
–
-40 [-40]
–
150 [302]
°C [°F]
Note 1. See Figure 1.
Table 2. SS340RT and SS440R Series Absolute Maximum Ratings
1
Characteristic
Minimum
Typical
Maximum
Unit
Supply voltage
-28.0
–
28.0
V
Applied output voltage
-0.5
–
28.0
V
Output current
–
–
20
mA
Magnetic flux
–
–
no limit
gauss
Note 1: The magnetic field strength (gauss) required to cause the switch to change state (operate and release) will be as specified in the magnetic
characteristics. To test the switch against the specified magnetic characteristics, the switch must be placed in a uniform magnetic field.
NOTICE
Absolute maximum ratings are the extreme limits that the device will withstand without
damage to the device. However, the electrical and mechanical characteristics are not
guaranteed as the maximum limits (above recommended operating conditions) are
approached, nor will the device necessarily operate at absolute maximum ratings.
Figure 1. SS340RT Series Rated Supply Voltage
Figure 2. Current Sinking Output Block Diagram



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com