Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SS351AT Datasheet(PDF) 1 Page - Honeywell Solid State Electronics Center

Part # SS351AT
Description  Omnipolar Hall-effect Digital Position Sensors
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HONEYWELL [Honeywell Solid State Electronics Center]
Direct Link  http://honeywell.com/Pages/Home.aspx
Logo HONEYWELL - Honeywell Solid State Electronics Center

SS351AT Datasheet(HTML) 1 Page - Honeywell Solid State Electronics Center

  SS351AT Datasheet HTML 1Page - Honeywell Solid State Electronics Center SS351AT Datasheet HTML 2Page - Honeywell Solid State Electronics Center SS351AT Datasheet HTML 3Page - Honeywell Solid State Electronics Center SS351AT Datasheet HTML 4Page - Honeywell Solid State Electronics Center  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
DESCRIPTION
The SS351AT and SS451A sensors are small, versatile digital
Hall-effect devices that are operated by the magnetic field from
a permanent magnet or an electromagnet. They are designed
to respond to a either a North pole or a South pole.
These omnipolar sensors are sensitive and flexible devices
designed to meet a wide range of potential applications. The
SS351AT and SS451A have a typical operating point of 85 G
at 25 °C [77 °F]. Because they can be operated by a North
pole or a South pole, they do not require the magnet polarity to
be identified, thus making the installation easier and potentially
reducing the system cost.
These sensors are available in two package styles. The
SS351AT is available in the subminiature SOT-23 surface
mount package; the SS451A is available in the leaded, flat TO-
92-style package.
The SS351AT’s small size requires less PC
board space, allowing it to be used in smaller assemblies. Its
3 Vdc capability allows for use in low voltage applications,
promoting energy efficiency.
The SS351AT is available on tape and reel (3000 units per
reel); the SS451A is available in a bulk package (1000 units
per bag).
FEATURES
Subminiature package size (SS351AT) supplied on tape
and reel allows for a compact design with automated
component placement, helping to reduce manufacturing
costs
Simple activation from a North pole or a South pole and
sensitive magnetics make this omnipolar product suitable
in a variety of potential motion control, lid closure
detection, and displacement sensing applications
Low voltage 3 Vdc capability helps reduce power
consumption
Built-in reverse polarity protection protects the device from
potential damage during installation
Thermally balanced integrated circuit provides for stable
operation over a wide temperature range of -40° to
150 °C [-40 °F to 302 °F]
RoHS-compliant materials meet Directive 2002/95/EC
POTENTIAL APPLICATIONS
Commercial:
Speed and RPM (revolutions per minute) sensing in
fitness equipment
Magnetic encoder for building access
Damper or valve position control in HVAC (heating,
ventilation and air conditioning) equipment
Flow rate sensing in appliances and water softeners
Printer head position sensing
Industrial:
Flow rate sensing in industrial processes
Robotic control (cylinder position monitoring)
Float-based fluid level sensing
Medical:
Displacement sensor in hospital beds and medical
equipment
Medication bin monitor on portable drug carts


Similar Part No. - SS351AT

ManufacturerPart #DatasheetDescription
logo
Zowie Technology Corpor...
SS35 ZOWIE-SS35 Datasheet
53Kb / 2P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Shanghai Sunrise Electr...
SS35 SSE-SS35 Datasheet
16Kb / 1P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Fairchild Semiconductor
SS35 FAIRCHILD-SS35 Datasheet
82Kb / 4P
3.0 Ampere Schottky Barrier Rectifiers
logo
General Semiconductor
SS35 GE-SS35 Datasheet
39Kb / 2P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Micro Commercial Compon...
SS35 MCC-SS35 Datasheet
354Kb / 2P
3 Amp Schottky Rectifier 20 to 60 Volts
More results

Similar Description - SS351AT

ManufacturerPart #DatasheetDescription
logo
Honeywell Solid State E...
SS30AT HONEYWELL-SS30AT Datasheet
919Kb / 6P
Bipolar Hall-effect Magnetic Position Sensors
SS340RT HONEYWELL-SS340RT Datasheet
442Kb / 4P
Unipolar Hall-Effect Digital Position Sensors
SL353 HONEYWELL-SL353 Datasheet
386Kb / 6P
Micropower Omnipolar Digital Hall-Effect Sensor ICs
logo
BCD Semiconductor Manuf...
AH41Z3-AG1 BCDSEMI-AH41Z3-AG1 Datasheet
356Kb / 10P
BIPOLAR HALL-EFFECT POSITION SENSORS
logo
Diodes Incorporated
AH41 DIODES-AH41 Datasheet
356Kb / 10P
BIPOLAR HALL-EFFECT POSITION SENSORS
Rev 1
logo
Honeywell Accelerometer...
SS551AT HONEYWELL-ACC-SS551AT Datasheet
432Kb / 4P
Omnipolar Hall-effect Digital Position Sensors
logo
Texas Instruments
DRV5033 TI-DRV5033_15 Datasheet
965Kb / 26P
DRV5033 Digital-Omnipolar-Switch Hall Effect Sensor
DRV5033 TI1-DRV5033_16 Datasheet
1Mb / 28P
Digital-Omnipolar-Switch Hall Effect Sensor
DRV5033-Q1 TI1-DRV5033-Q1 Datasheet
1Mb / 27P
Automotive Digital-Omnipolar-Switch Hall Effect Sensor
logo
Honeywell Solid State E...
RTY360LVNAX HONEYWELL-RTY360LVNAX Datasheet
1Mb / 10P
Hall-effect Rotary Position Sensors
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com