Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SS451A Datasheet(PDF) 2 Page - Honeywell Solid State Electronics Center

Part # SS451A
Description  Omnipolar Hall-effect Digital Position Sensors
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HONEYWELL [Honeywell Solid State Electronics Center]
Direct Link  http://honeywell.com/Pages/Home.aspx
Logo HONEYWELL - Honeywell Solid State Electronics Center

SS451A Datasheet(HTML) 2 Page - Honeywell Solid State Electronics Center

  SS451A Datasheet HTML 1Page - Honeywell Solid State Electronics Center SS451A Datasheet HTML 2Page - Honeywell Solid State Electronics Center SS451A Datasheet HTML 3Page - Honeywell Solid State Electronics Center SS451A Datasheet HTML 4Page - Honeywell Solid State Electronics Center  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
2
www.honeywell.com/sensing
Table 1. SS351AT/SS451A Specifications (At Vs=3.0 Vdc to 24 Vdc, 20 mA load, TA = -40 °C to 150 °C [-40 °F to 257 °F])
Characteristic
Condition
Minimum
Typical
Maximum
Unit
Supply voltage
1:
Vdc
SS451A
-40 °C to 150 °C [-40 °F to 302 °F]
3
–
24
SS351AT
-40 °C to 125 °C [-40 °F to 257 °F]
3
–
24
SS351AT
150 °C [302 °F]
3
–
12
Supply current
Vsupply = 5 V at 25 °C [77 °F]
Vsupply = 3 V at 25 °C [77 °F]
–
–
–
4.5
3.5
–
6
5
9
mA
Output Current
–
–
–
20.0
mA
Vsat
at 20 mA, gauss > Bop positive
or gauss < Bop negative
–
–
0.4
V
Output leakage current
gauss > Bop+ or < Bop-
–
–
10
µA
Output switching time:
rise
fall
Vsupply = 12 V at 25 °C [77 °F],
R
L =1.6 KOhm, CL = 20 pF
–
–
–
–
1.5
1.5
µs
Thermal resistance:
–
°C/W
SS451A
–
233
–
SS351AT
–
303
–
SS351AT/SS451A:
–
gauss
Operate positive
35
85
135
Operate negative
-135
-85
-35
SS351AT/SS451A:
–
gauss
Release positive
10
50
120
Release negative
-120
-50
-10
SS351AT/SS451A
gauss
Differential
–
5
35
80
Operating temperature
–
-40 [-40]
–
150 [302]
°C [°F]
Storage temperature
–
-40 [-40]
–
150 [302]
°C [°F]
Note 1: See Figure 1.
Table 2. SS351AT/SS451A Absolute Maximum Ratings
1
Characteristic
Minimum
Typical
Maximum
Unit
Supply voltage
-28.0
–
28.0
V
Applied output voltage
-0.5
–
28.0
V
Output current
–
–
20
mA
Magnetic flux
–
–
no limit
gauss
Note 1: The magnetic field strength (gauss) required to cause the switch to change state (operate and release) will be as specified
in the magnetic characteristics. To test the switch against the specified magnetic characteristics, the switch must be placed in a
uniform magnetic field.
NOTICE
Absolute maximum ratings are the extreme limits that the device will withstand without
damage to the device. However, the electrical and mechanical characteristics are not
guaranteed as the maximum limits (above recommended operating conditions) are
approached, nor will the device necessarily operate at absolute maximum ratings.
Figure 1. SS351AT Rated Supply Voltage
Figure 2. Current Sinking Output Block Diagram



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com