Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SS361CT Datasheet(PDF) 1 Page - Honeywell Solid State Electronics Center

Part # SS361CT
Description  High Sensitivity Bipolar Latching,Hall-Effect Digital Sensor ICs
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HONEYWELL [Honeywell Solid State Electronics Center]
Direct Link  http://honeywell.com/Pages/Home.aspx
Logo HONEYWELL - Honeywell Solid State Electronics Center

SS361CT Datasheet(HTML) 1 Page - Honeywell Solid State Electronics Center

  SS361CT Datasheet HTML 1Page - Honeywell Solid State Electronics Center SS361CT Datasheet HTML 2Page - Honeywell Solid State Electronics Center SS361CT Datasheet HTML 3Page - Honeywell Solid State Electronics Center SS361CT Datasheet HTML 4Page - Honeywell Solid State Electronics Center  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
DESCRIPTION
The SS361CT/SS461C latches are small, sensitive and
versatile digital Hall-effect devices that are operated by the
magnetic field from a permanent magnet or an electromagnet.
They are designed to respond to alternating North and South
poles.
These bipolar sensor ICs have enhanced sensitivity which
often allows for the use of less expensive magnets.
They offer reverse polarity protection and deliver a stable
output over a -40 °C to 125 °C [-40 °F to 257 °F] temperature
range. Operation from any dc supply voltage from 4 Vdc to
24 Vdc is acceptable.
These Hall-effect devices are available in two package styles:
the SS361CT in the miniature SOT-23 surface mount package
and the SS461C in the leaded, flat TO-92-style package.
The SS361CT
’s small size requires less PCB (printed circuit
board) space, allowing it to be used in smaller assemblies.
The SS361CT is available on tape and reel (3000 units per
reel). The SS461C is available in a bulk package (1000 units
per bag).
FEATURES AND BENEFITS
Enhanced sensitivity: will operate from only 50 Gauss
typical, at 25°C [77 °F], 80 G max. at -40 °C to 85 °C
[-40 °F to 185 °F], and 95 Gauss over the full temperature
range, allowing the use of smaller, potentially lower-cost
magnets or wider air gaps
Subminiature, SOT-23 surface mount package (SS361CT)
supplied on tape and reel allows for a compact design with
automated component placement, helping to reduce
manufacturing costs
Small, leaded, flat TO-92 package (SS461C) allows for a
compact PCB layout
Bipolar latching magnetics respond to alternating North
and South poles, making these products well-suited for
accurate speed sensing and RPM (revolutions per minute)
measurement
Wide operating voltage range of 4 Vdc to 24 Vdc makes
these sensors useable in a wide range of applications
Built-in reverse voltage capability enhances the protection
of the sensor and the circuits with which it is used
Robust design: will operate up to 125 °C [257 °F]
RoHS-compliant materials meet Directive 2002/95/EC
POTENTIAL APPLICATIONS
Transportation
Speed and RPM sensing
Tachometer, counter pickup
Motor and fan control
Electronic window lift
Convertible roof position
Industrial and Commercial
Flow-rate sensing for appliances
Speed and RPM sensing
Tachometer, counter pickup
Brushless dc motor commutation
Motor and fan control
Robotics control
Medical
Medical equipment using electric motors


Similar Part No. - SS361CT

ManufacturerPart #DatasheetDescription
logo
Sensitron
SS3611 SENSITRON-SS3611 Datasheet
37Kb / 2P
HERMETIC AXIAL LEAD RECTIFIER
SS3612 SENSITRON-SS3612 Datasheet
37Kb / 2P
HERMETIC AXIAL LEAD RECTIFIER
logo
Tripp Lite. All Rights ...
SS361220 TRIPPLITE-SS361220 Datasheet
164Kb / 4P
12-Outlet (10-15A & 2-20A) Power Strip with Surge Protection, 15 ft. (4.57 m) Cord, 1650 Joules, 36 in.
logo
Sensitron
SS3613 SENSITRON-SS3613 Datasheet
37Kb / 2P
HERMETIC AXIAL LEAD RECTIFIER
logo
SEC Electronics Inc.
SS3613 SECELECTRONICS-SS3613 Datasheet
213Kb / 8P
CMOS Omnipolar High Sensitivity Micropower Hall Switch
More results

Similar Description - SS361CT

ManufacturerPart #DatasheetDescription
logo
Honeywell Solid State E...
SL353 HONEYWELL-SL353 Datasheet
386Kb / 6P
Micropower Omnipolar Digital Hall-Effect Sensor ICs
logo
Honeywell Accelerometer...
SS360NT HONEYWELL-ACC-SS360NT Datasheet
452Kb / 5P
High Sensitivity Bipolar Latching
SS360PT HONEYWELL-ACC-SS360PT Datasheet
772Kb / 5P
High Sensitivity Latching Digital Hall-Effect Sensor ICs with Built-in Pull-up Resistor
SS449A-T3 HONEYWELL-ACC-SS449A-T3 Datasheet
394Kb / 7P
Temperature Compensated Digital Hall-Effect Sensor ICs
logo
Unisonic Technologies
H1277 UTC-H1277_15 Datasheet
201Kb / 5P
HIGH SENSITIVITY HALL EFFECT SENSOR IC
UH211 UTC-UH211_15 Datasheet
217Kb / 5P
HIGH SENSITIVITY HALL EFFECT SENSOR IC
logo
Texas Instruments
DRV5015 TI1-DRV5015 Datasheet
1Mb / 27P
Low-Voltage, High-Sensitivity, Digital-Latch Hall Effect Sensor
logo
Honeywell Solid State E...
SS41 HONEYWELL-SS41 Datasheet
1Mb / 8P
Bipolar Hall-Effect Digital Position Sensor ICs
SS41F HONEYWELL-SS41F Datasheet
291Kb / 5P
Low-cost Digital Bipolar Hall-effect Sensor ICs
September 2015
SS400 HONEYWELL-SS400_V01 Datasheet
394Kb / 7P
Temperature Compensated Digital Hall-Effect Sensor ICs
April 2012
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com