Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC1591 Datasheet(PDF) 14 Page - Linear Technology

Part # LTC1591
Description  18-Bit SoftSpan IOUT DAC with Parallel I/O
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1591 Datasheet(HTML) 14 Page - Linear Technology

Back Button LTC1591 Datasheet HTML 10Page - Linear Technology LTC1591 Datasheet HTML 11Page - Linear Technology LTC1591 Datasheet HTML 12Page - Linear Technology LTC1591 Datasheet HTML 13Page - Linear Technology LTC1591 Datasheet HTML 14Page - Linear Technology LTC1591 Datasheet HTML 15Page - Linear Technology LTC1591 Datasheet HTML 16Page - Linear Technology LTC1591 Datasheet HTML 17Page - Linear Technology LTC1591 Datasheet HTML 18Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 20 page
background image
LTC2757
14
2757f
OPERATION—EXAMPLES
3. Write and update mid-scale code in 0V to 5V range (VOUT = 2.5V) using readback to check the contents of the input
and DAC registers before updating.
WR
2757 TD05
DATA I/O
OUTPUT
DATA I/O
INPUT
READ
VOUT
UPD
D/S
20000H
20000H
00000H
HI-Z
INPUT REGISTER
DAC REGISTER
HI-Z
UPDATE (2.5V)
+2.5V
0V
2. Load ±10V range with the output at 5V, changing to –5V.
WR
2757 TD04
SPAN I/O
INPUT
DATA I/O
INPUT
READ = LOW
UPD
D/S
30000H
10000H
011
UPDATE (5V)
UPDATE (–5V)
+5V
–5V
VOUT
0V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com