Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC1597 Datasheet(PDF) 18 Page - Linear Technology

Part # LTC1597
Description  18-Bit SoftSpan IOUT DAC with Parallel I/O
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1597 Datasheet(HTML) 18 Page - Linear Technology

Back Button LTC1597 Datasheet HTML 12Page - Linear Technology LTC1597 Datasheet HTML 13Page - Linear Technology LTC1597 Datasheet HTML 14Page - Linear Technology LTC1597 Datasheet HTML 15Page - Linear Technology LTC1597 Datasheet HTML 16Page - Linear Technology LTC1597 Datasheet HTML 17Page - Linear Technology LTC1597 Datasheet HTML 18Page - Linear Technology LTC1597 Datasheet HTML 19Page - Linear Technology LTC1597 Datasheet HTML 20Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 18 / 20 page
background image
LTC2757
18
2757f
TYPICAL APPLICATIONS
Figure 2. Basic Connections for SoftSpan VOUT DAC with Two Optional Circuits
for Driving IOUT2 from GND with a Force/Sense Amplifier
+
–
U2
LT1012
U1
LT1468
18-BIT DAC WITH SPAN SELECT
LTC2757
VOSADJ
VOSADJ
RCOM
47
48
RIN
1, 2
5
7
6
2
8
1
3
4
R2
R1
GEADJ
45, 46
ROFS
43, 44
REF
5V
5V
15V
REF
RFB
IOUT1
VOUT
41, 42
40
IOUT2
GND
WR
UPD
READ
D/S
CLR
M-SPAN
5, 6
4, 7
36
35
34
33
20
21
3, 37, 38
C2
150pF
SPAN I/O
S2-S0
C1
27pF
VDD
17
WR
UPD
READ
D/S
CLR
C3
0.1μF
0.1μF
3
8-16, 23-31
39
DATA I/O
D17-D0
16
6
6
5
1
23
IOUT2F
IOUT2S
2
3
*SCHOTTKY BARRIER DIODE
FOR MULTIPLYING APPLICATIONS, U2 = LT1468 AND C2 = 15pF
ZETEX*
BAT54S
LT1012
2757 F02
1000pF
ALTERNATE AMPLIFIER FOR OPTIMUM SETTLING TIME PERFORMANCE
6
6
1
23
5
LT1468
3
ZETEX
BAT54S
2
200Ω
200Ω
IOUT2S
IOUT2F
–15V
0.1μF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com