Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SWR200 Datasheet(PDF) 1 Page - Cirrus Logic

Part # SWR200
Description  Precision Sine Wave Reference
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

SWR200 Datasheet(HTML) 1 Page - Cirrus Logic

  SWR200 Datasheet HTML 1Page - Cirrus Logic SWR200 Datasheet HTML 2Page - Cirrus Logic SWR200 Datasheet HTML 3Page - Cirrus Logic SWR200 Datasheet HTML 4Page - Cirrus Logic SWR200 Datasheet HTML 5Page - Cirrus Logic  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
SWR200
SWR200DS
1
P r o d u c t I n n o v a t i o n F r o m
SWR200
DESCRIPTION
SWR200 is a Precision Sine Wave Reference provid-
ing an ultra stable sine wave output of +7.071 V at
±0.5% initial accuracy and temperature coefficient as
low as 20 ppm/°C over the full military temperature
range. The extreme accuracy is made possible by a
chopper-based AGC circuit. The temperature charac-
teristic of the chopper circuit compensates the typical
nonlinearity of the internal DC zener reference, result-
ing in a nearly linear amplitude-temperature character-
istic. Frequency of the SWR200 is programmable with
two external capacitors.
The SWR200 is available in a 14-pin bottom braze
package. They are hermetically sealed and “M” ver-
sions are screened for high reliability and quality.
SWR200 is well suited for any application requiring a
stable sine wave source. The SWR200 can be used as
a reference source in precision sensing systems based
on L
VDT or RVDT position sensors. A programmable AC
reference can be constructed using the SWR200 as
a reference for a high accuracy multiplying Digital to
Analog Converter.
FEATURES
♦ Very High Accuracy: +7.071 Vrms ±0.5%
♦ Extremely Low Drift: 20 ppm/°C
(-55°C to +125°C)
♦ Excellent Stability: 10 ppm/1000 Hrs. Typical
♦ Low Distortion: 0.1% Thd @ f = 3300 Hz
♦ Hermetic 14-pin Ceramic DIP
♦ Military Processing Option
APPLICATIONS
♦ Transducer Excitation
♦ High Resolution Servo Systems
♦ High Precision Test and Measurement Instru-
ments
♦ AC Voltage Standard
♦ L
VDT Or RVDT Reference
♦ Multiplying D/A Reference
+15V
-15V
+15V
-15V
+15V
-15V
3
+15V
12
Figure 1. BLOCK DIAGRAM
Precision Sine Wave Reference
SWR200
P r o d u c t I n n o v a t i o n F r o m
®
Copyright © Cirrus Logic, Inc. 2010
(All Rights Reserved)
www.cirrus.com
MAY 2010
APEX − SWR200DSREVH


Similar Part No. - SWR200

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SWR200 ETC1-SWR200 Datasheet
252Kb / 5P
Precision Sine Wave Reference
logo
Cirrus Logic
SWR200 CIRRUS-SWR200 Datasheet
367Kb / 4P
Precision Sine Wave Reference
logo
List of Unclassifed Man...
SWR200C ETC1-SWR200C Datasheet
252Kb / 5P
Precision Sine Wave Reference
logo
Cirrus Logic
SWR200C CIRRUS-SWR200C Datasheet
367Kb / 4P
Precision Sine Wave Reference
logo
List of Unclassifed Man...
SWR200M ETC1-SWR200M Datasheet
252Kb / 5P
Precision Sine Wave Reference
More results

Similar Description - SWR200

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SWR200 ETC1-SWR200 Datasheet
252Kb / 5P
Precision Sine Wave Reference
logo
Texas Instruments
TMS32010 TI-TMS32010 Datasheet
2Mb / 23P
Precision Digital Sine- Wave Generation with the TMS32010
logo
Pletronics, Inc.
SW1145BYE PLETRONICS-SW1145BYE Datasheet
200Kb / 7P
Sine Wave Oscillators
logo
Cirrus Logic
SWR200 CIRRUS-SWR200 Datasheet
367Kb / 4P
Precision Sine Wave Reference
logo
Oscilent Corporation
580-22.0M-315A OSCILENT-580-22.0M-315A Datasheet
144Kb / 2P
Clipped Sine Wave
581-15.0M-315A OSCILENT-581-15.0M-315A Datasheet
134Kb / 2P
Clipped Sine Wave
582-19.6608M-315A OSCILENT-582-19.6608M-315A Datasheet
141Kb / 2P
Clipped Sine Wave
580 OSCILENT-580 Datasheet
144Kb / 2P
Clipped Sine Wave
581 OSCILENT-581 Datasheet
134Kb / 2P
Clipped Sine Wave
582 OSCILENT-582 Datasheet
141Kb / 2P
Clipped Sine Wave
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com