Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

10250-R20TFB Datasheet(PDF) 1 Page - 3M Electronics

Part # 10250-R20TFB
Description  3M™ Mini D Ribbon (MDR) Connectors
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  3M [3M Electronics]
Direct Link  http://www.3m.com
Logo 3M - 3M Electronics

10250-R20TFB Datasheet(HTML) 1 Page - 3M Electronics

  10250-R20TFB Datasheet HTML 1Page - 3M Electronics 10250-R20TFB Datasheet HTML 2Page - 3M Electronics 10250-R20TFB Datasheet HTML 3Page - 3M Electronics 10250-R20TFB Datasheet HTML 4Page - 3M Electronics 10250-R20TFB Datasheet HTML 5Page - 3M Electronics 10250-R20TFB Datasheet HTML 6Page - 3M Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
3
Electronic Solutions Division
Interconnect Solutions
http://www.3M.com/interconnects/
3M is a trademark of 3M Company.
For technical, sales or ordering information call
800-225-5373
3M™ Mini D Ribbon (MDR) Connectors
.050” Boardmount Compliant Pin Vertical Receptacle - Shielded
102 Series
Wiper-on-wiper contact for reliable repetitive plugging
•
Rugged die cast metal case construction
•
Contacts: 14, 20, 26, 36, 40, 50, 68 and 80
•
See Regulatory Information Appendix (RIA) for chemical
•
compliance information.
Date Modified: November 13, 2008
TS-0961-C
Sheet 1 of 3
Physical
Insulation Material: Glass Reinforced Polyester (PBT)
Flammability: UL 94V-0
Color: Black
Contact Material: Copper Alloy
Plating
Underplating: 80 μ” [ 2.0 μm ] Nickel
Wiping Area: See Ordering Information
Compliant Tails: See Ordering Information
Body
Material: Zinc Alloy
Plating: Nickel
Shroud & Latch Hook
Material: Steel
Plating: Nickel
Marking: 3M Logo and Part Number
Electrical
Current Rating: 1 A
Insulation Resistance: > 5 × 108
Ω at 500V
DC
Withstanding Voltage: 500 VRMS for 1 Minute
Environmental
Temperature Rating: -20°C to +85°C
UL File No.: E68080


Similar Part No. - 10250-R20TFB

ManufacturerPart #DatasheetDescription
logo
3M Electronics
10250-0210EC 3M-10250-0210EC Datasheet
32Kb / 2P
050, Mini D Ribbon (MDR) Connectors
19-Feb-1999
10250-0210EC 3M-10250-0210EC Datasheet
449Kb / 3P
3M Mini D Ribbon (MDR) Connectors
08-Feb-2005
10250-1210PE 3M-10250-1210PE Datasheet
508Kb / 4P
3M Mini D Ribbon (MDR) Connectors
05-Apr-2005
10250-1210PE 3M-10250-1210PE Datasheet
480Kb / 6P
3M Mini D Ribbon (MDR) Connectors
13-Nov-2007
10250-1210PE 3M-10250-1210PE Datasheet
479Kb / 6P
3M™ Mini D Ribbon (MDR) Connectors .050″ Surface Mount Right Angle Receptacle - Shielded
November 13, 2007
More results

Similar Description - 10250-R20TFB

ManufacturerPart #DatasheetDescription
logo
3M Electronics
3341-XX 3M-3341-XX Datasheet
58Kb / 3P
3M Mini D Ribbon (MDR) Connectors
10214-55G3JL 3M-10214-55G3JL Datasheet
532Kb / 4P
3M Mini D Ribbon (MDR) Connectors
05-Apr-2005
10214-1S10PL 3M-10214-1S10PL Datasheet
979Kb / 6P
3M Mini D Ribbon (MDR) Connectors
20-Dec-2007
10268-5JBEPC 3M-10268-5JBEPC Datasheet
812Kb / 4P
3M Mini D Ribbon (MDR) Connectors
21-Jul-2009
10314-52F0-008 3M-10314-52F0-008 Datasheet
309Kb / 3P
3M Mini D Ribbon (MDR) Connectors
10-May-2005
N102A0-52B2VC 3M-N102A0-52B2VC Datasheet
440Kb / 4P
3M Mini D Ribbon (MDR) Connectors
05-Apr-2005
10336-3210 3M-10336-3210 Datasheet
312Kb / 3P
3M Mini D Ribbon (MDR) Connectors
31-Jan-2006
N10226-5213PC 3M-N10226-5213PC Datasheet
399Kb / 6P
3M Mini D Ribbon (MDR) Connectors
15-Nov-2007
103XX-52F0-008 3M-103XX-52F0-008 Datasheet
999Kb / 5P
3M™ Mini D Ribbon (MDR) Connectors
April 10, 2008
103 3M-103 Datasheet
1Mb / 4P
3M™ Mini D Ribbon (MDR) Connectors
October 17, 2011
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com