Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

10280-R20TFB Datasheet(PDF) 2 Page - 3M Electronics

Part # 10280-R20TFB
Description  3M™ Mini D Ribbon (MDR) Connectors
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  3M [3M Electronics]
Direct Link  http://www.3m.com
Logo 3M - 3M Electronics

10280-R20TFB Datasheet(HTML) 2 Page - 3M Electronics

  10280-R20TFB Datasheet HTML 1Page - 3M Electronics 10280-R20TFB Datasheet HTML 2Page - 3M Electronics 10280-R20TFB Datasheet HTML 3Page - 3M Electronics 10280-R20TFB Datasheet HTML 4Page - 3M Electronics 10280-R20TFB Datasheet HTML 5Page - 3M Electronics 10280-R20TFB Datasheet HTML 6Page - 3M Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
3
Electronic Solutions Division
Interconnect Solutions
http://www.3M.com/interconnects/
3M is a trademark of 3M Company.
For technical, sales or ordering information call
800-225-5373
3M™ Mini D Ribbon (MDR) Connectors
.050” Boardmount Compliant Pin Vertical Receptacle - Shielded
102 Series
TS-0961-C
Sheet 2 of 3
Ordering Information
102XX - R2XX XX
Inch
[mm]
Tolerance Unless Noted
.0
.00 .000
Inch ±.1 ±.01 ±.005
[ ] Dimensions for
Reference Only
Wiping Area Plating
S = 30 μ” [0.76 μm] Min. Gold
FB = 8 μ” [0.2 μm] Min. Gold
with Lubricant
15°
.19
[ 4.8 ]
.05
[ 1.3 ]
Position 1
Position 2
.05
[ 1.3 ]
E
D
.050 [ 1.27 ]
A
C
B
.23
[ 5.8 ]
.21
[ 5.2 ]
(2X) Lockstand Thread
see ordering information
below
.18
[ 4.6 ]
Last Position
.050
[ 1.27 ]
.25
[ 6.3 ]
.36
[ 9.1 ]
Position
Note:
1. Use mounting screws to PCB when using Junction Shells.
Contact Quantity
(See Table)
.075
[ 1.91 ]
.075
[ 1.91 ]
.075
[ 1.91 ]
.016
[ 0.40 ]
.160
[ 4.00 ]
.28
[ 7.2 ]
Contact
Quantity
Dimension
A
B
C
D
E
14
.300 [ 7.62 ]
.93 [ 23.6 ]
1.16 [ 29.5 ]
.50 [ 12.6 ]
.77 [ 19.5 ]
20
.450 [ 11.43 ]
1.08 [ 27.45 ]
1.31 [ 33.4 ]
.65 [ 16.4 ]
.92 [ 23.4 ]
26
.600 [ 15.24 ]
1.23 [ 31.3 ]
1.46 [ 37.2 ]
.80 [ 20.2 ]
1.07 [ 27.2 ]
36
.850 [ 21.59 ]
1.48 [ 37.6 ]
1.71 [ 43.5 ]
1.05 [ 26.6 ]
1.32 [ 33.5 ]
40
.950 [ 24.13 ]
1.58 [ 40.2 ]
1.81 [ 46.1 ]
1.15 [ 29.1 ]
1.42 [ 36.1 ]
50
1.200 [ 30.48 ]
1.83 [ 46.5 ]
2.06 [ 52.4 ]
1.40 [ 35.5 ]
1.67 [ 42.4 ]
68
1.650 [ 41.91 ]
2.28 [ 57.9 ]
2.51 [ 63.8 ]
1.85 [ 46.9 ]
2.12 [ 53.8 ]
80
1.950 [ 49.53 ]
2.58 [ 65.6 ]
2.81 [ 71.5 ]
2.15 [ 54.5 ]
2.42 [ 61.5 ]
Lockstand Thread
0 = M2.6 (Special order)
1 = M2.5 (Standard)
Note:
2. Assembly tools: 3M™ Stopper
Block 10991-XX and 3M™
Press Block 10992-XX.
PCB Press Fit Hole Compatibility
C = Cu/pre-flux PCB holes. Contacts with gold
flash tail plating (App. E1 & C1 apply)
T = Solder plated PCB holes. Contacts with gold
flash tail plating (App. E1 & C1 apply)



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com