Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

10214-R21TFB Datasheet(PDF) 3 Page - 3M Electronics

Part # 10214-R21TFB
Description  3M™ Mini D Ribbon (MDR) Connectors
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  3M [3M Electronics]
Direct Link  http://www.3m.com
Logo 3M - 3M Electronics

10214-R21TFB Datasheet(HTML) 3 Page - 3M Electronics

  10214-R21TFB Datasheet HTML 1Page - 3M Electronics 10214-R21TFB Datasheet HTML 2Page - 3M Electronics 10214-R21TFB Datasheet HTML 3Page - 3M Electronics 10214-R21TFB Datasheet HTML 4Page - 3M Electronics 10214-R21TFB Datasheet HTML 5Page - 3M Electronics 10214-R21TFB Datasheet HTML 6Page - 3M Electronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
3
Electronic Solutions Division
Interconnect Solutions
http://www.3M.com/interconnects/
3M is a trademark of 3M Company.
For technical, sales or ordering information call
800-225-5373
3M™ Mini D Ribbon (MDR) Connectors
.050” Boardmount Compliant Pin Vertical Receptacle - Shielded
102 Series
TS-0961-C
Sheet 3 of 3
Contact
Quantity
Dimension
A
B
20
.450 [ 11.43 ]
.931 [ 23.64 ]
36
.850 [ 21.59 ]
1.481 [ 37.61 ]
40
.950 [ 24.13 ]
1.581 [ 40.15 ]
68
1.650 [ 41.91 ] 2.281 [ 57.93 ]
80
1.950 [ 49.53 ] 2.581 [ 65.55 ]
A
Hole size: See note
Position 3
Position 1
Position 2
2x0.112
[ 2.86 ]
.2
[ 5.0 ]
2x0.20
[ 5.0 ]
Last Position
.050 Typ
[ 1.27 ]
2x0.20
[ 5.0 ]
2x0.16
[ 4.0 ]
.075 Typ
[ 1.90 ]
20, 36, 40, 68 and 80 position
2X ∅ .118 ± .003
[ 3.0 ]
(See Note*)
Position
B ± .004
*Note: Plated-through mounting holes
C ± .004
D ± .004
Note: Panel thickness .079 [ 2.00 ] Max.
R .060
[ 1.52 ]
.340 ± .004
[ 8.64 ]
Recommended Panel Cut-Out
A
.20
[ 5.00 ]
B ± .004
Hole size: See Notes
.050 Typ
[ 1.27 ]
2x0.20
[ 5.0 ]
2x0.16
[ 4.0 ]
Last Position
2X ∅ .118 ± .003
[ 3.0 ]
(See Note*)
Position 3
Position 1
Position 2
2x0.112
[ 2.86 ]
.075 Typ
[ 1.90 ]
2x0.20
[ 5.0 ]
Position
14, 26, 50 pos only
Recommended Board Layout Viewed from Connector Side
Contact
Quantity
Dimension
C
D
14
.78 [ 20.0 ]
.93 [ 23.64 ]
20
.94 [ 23.9 ]
1.08 [ 27.45 ]
26
1.09 [ 27.6 ]
1.23 [ 31.26 ]
36
1.33 [ 33.9 ]
1.48 [ 37.61 ]
40
1.44 [ 36.5 ]
1.58 [ 40.15 ]
50
1.69 [ 42.8 ]
1.83 [ 46.50 ]
68
2.13 [ 54.2 ]
2.28 [ 57.93 ]
80
2.44 [ 61.9 ]
2.58 [ 65.55 ]
Contact
Quantity
A
B
14
.300 [ 7.62 ]
.931 [ 23.64 ]
26
.600 [ 15.24 ] 1.231 [ 31.26 ]
50
1.200 [ 30.48 ] 1.831 [ 46.50 ]
Notes:
1. Listed below are the PCB hole sizes and tolerances recommended for
use with the 3M MDR Compliant Pin Vertical Receptacle. The insertion
force is designed not to exceed 147N (33lbs) per pin
Recommended Hole Size in Millimeters:
For Copper plus Pre-Flux Coated PBC Holes
Option 1
a. Drilled Dia. 0.85 +0/-0.020 mm
b. Finished Dia. 0.68 to 0.79 mm
c. Cu Plating 0.025 mm minimum
Option 2
a. Drilled Dia 0.80 +0.025/-0.020 mm
b. Finished Dia 0.68 to 0.78 mm
c. Cu Plating 0.025 mm minimum
For Copper and Solder Plated PCB Holes
Option 1
a. Drilled Dia. 0.85 +0.03/-0.03 mm
b. Finished Dia. 0.65 to 0.81 mm
c. Tin Lead Plating 0.015 mm maximum
Option 2
a. Drilled Dia0.80 +0.02/-0.02mm
b. Finished Dia0.68 to 0.81mm
c. Cu Plating0.015mm minimum
2. Board thickness: .095 ± .010 to .125 ± .010
3. Assembly Tooling:
(See Ordering Information)
*Note: Plated-through mounting holes



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com