Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VRE302JS Datasheet(PDF) 4 Page - Cirrus Logic

Part # VRE302JS
Description  Precision Voltage Reference
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

VRE302JS Datasheet(HTML) 4 Page - Cirrus Logic

  VRE302JS Datasheet HTML 1Page - Cirrus Logic VRE302JS Datasheet HTML 2Page - Cirrus Logic VRE302JS Datasheet HTML 3Page - Cirrus Logic VRE302JS Datasheet HTML 4Page - Cirrus Logic VRE302JS Datasheet HTML 5Page - Cirrus Logic  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
VRE302
4
VRE302DS
P r o d u c t I n n o v a t i o n F r o m
3. THEORY OF OPERATION
The following discussion refers to the schematic in Figure 1. A FET current source is used to bias a 6.3 V zener
diode. The zener voltage is divided by the resistor network R1 and R2. This voltage is then applied to the non-invert-
ing input of the operational amplifier which amplifies the voltage to produce a 2.5 V output. The gain is determined
by the resistor networks R3 and R4: G=1 + R4/R3. The 6.3 V zener diode is used because it is the most stable
diode over time and temperature.
The current source provides a closely regulated zener current, which determines the slope of the references’ volt-
age vs. temperature function. By trimming the zener current a lower drift over temperature can be achieved. But
since the voltage vs. temperature function is nonlinear this compensation technique is not well suited for wide tem-
perature ranges.
A nonlinear compensation network of thermistors and resistors is used in the VRE series voltage references. This
proprietary network eliminates most of the nonlinearity in the voltage vs. temperature function. By adjusting the
slope, a very stable voltage is produced over wide temperature ranges.
This network is less than 2% of the overall network resistance so it has a negligible effect on long term stability.
The proper connection of the VRE302 series voltage references with the optional trim resistor for initial error is
shown below. The VRE302 reference has the ground terminal brought out on two pins (pin 4 and pin 7) which
are connected together internally. This allows the user to achieve greater accuracy when using a socket. Voltage
references have a voltage drop across their power supply ground pin due to quiescent current flowing through the
contact resistance. If the contact resistance was constant with time and temperature, this voltage drop could be
trimmed out. When the reference is plugged into a socket, this source of error can be as high as 20 ppm. By con-
necting pin 4 to the power supply ground and pin 7 to a high impedance ground point in the measurement circuit,
the error due to the contact resistance can be eliminated. If the unit is soldered into place, the contact resistance is
sufficiently small that it does not effect performance. Pay careful attention to the circuit layout to avoid noise pickup
and voltage drops in the lines.
EXTERNAL CONNECTIONS
PIN CONFIGURATION
8
4
6
5
+ VOUT
2
+ VIN
VRE302
10kΩ
CN
1µF
OPTIONAL
NOISE REDUCTION
CAPACITOR
OPTIONAL
FINE TRIM
ADJUSTMENT
3
V TEMP OUT
7
REF. GND
5
6
7
8
VRE302
TOP
VIEW
1
2
3
4
N.C.
+VIN
TEMP
GND
NOISE
REF. GND
VOUT
TRIM



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com