Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS1500 Datasheet(PDF) 13 Page - Cirrus Logic

Part # CS1500
Description  Digital Power Factor Correction IC
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS1500 Datasheet(HTML) 13 Page - Cirrus Logic

Back Button CS1500 Datasheet HTML 9Page - Cirrus Logic CS1500 Datasheet HTML 10Page - Cirrus Logic CS1500 Datasheet HTML 11Page - Cirrus Logic CS1500 Datasheet HTML 12Page - Cirrus Logic CS1500 Datasheet HTML 13Page - Cirrus Logic CS1500 Datasheet HTML 14Page - Cirrus Logic CS1500 Datasheet HTML 15Page - Cirrus Logic CS1500 Datasheet HTML 16Page - Cirrus Logic CS1500 Datasheet HTML 17Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 22 page
background image
CS1500
DS849A5
13
May ?$shortyear>
CONFIDENTIAL
4.1.2
PFC Input Filter Capacitor
To achieve unity power factor, a DCM PFC circuit needs an
input filtering circuit to bypass the high-frequency current so
that the input current consists of the low-frequency portion
only. There are two main factors on PFC input filter capacitor
selection: its voltage ripple and phase lag, which both will
worsen power factor. The filtering capacitance is proportional
to Po and it is suggested as follows:
Use 0.47
μF for tolerance.
If a PI filter used for suppression of conducted EMI is located
on the DC side of the input rectifier, the Vrect sense point has
to be moved to the second capacitor.
4.1.3
PFC Boost Inductor
The value of the inductor in normal mode can be calculated by
the following equation, with
α = 0.9 as a derating factor to
ensure the inductor is sized to guarantee DCM operation and
provide a slightly higher power than required by the load:
Choose a 360
μH inductor.
η is the efficiency.
The inductor should be designed so that its saturation current
meets the following requirement, where 0.001126 is a pre-
defined threshold for the current protection algorithm:
where L is the inductance in Henrys.
4.1.4
PFC MOSFET
In normal mode, the PFC MOSFET peak current is equal to
the peak current in the PFC boost inductor:
4.1.5
PFC Diode
The PFC diode peak current in normal mode is the equal to the
inductor peak current:
The PFC Diode average current is calculated as follows:
4.1.6
PFC Output Capacitor
The value of the output capacitor is determined by several
requirements. It must meet the voltage ripple and hold-up time
requirements and the RMS current in the capacitor should not
exceed its RMS current rating.
The following equation defines the size of the output capacitor
to meet the output voltage ripple requirements:
fline(min) is the minimum line frequency the design is required
to support, Vlink is the output voltage from the PFC, ΔVlink(rip),
is the output voltage ripple requirement in volts peak-to-peak.
The equation will provide the value of the output capacitor
needed to meet the ripple requirement.
For 10 V of ripple and minimum line frequency of 45 Hz, the
equation becomes:
A second requirement that the output capacitor may be
required to meet is hold-up time. The value of the capacitor
C
1
3.3
nF
W
-------
Po
×
≥
C
1
3.3
120
×
≥
C
1
390nF
≥
0.39
μF
=
[Eq.10]
L
B
αη
V
in min
()
()
×
2
×
V
link
V
in min
()
2
×
()
–
2f
max
Po
V
link
×
×
×
---------------------------------------------------------
×
=
L
B
0.9
0.95
×
90
2
×
400
90
2
×
()
–
270
10
3
×
()
×
90
×
400
×
-------------------------------------------------------------------
×
=
L
B
374
μH
=
[Eq.11]
I
LB pk
()
4P
o
×
αη
×
V
×
in min
()
2
×
------------------------------------------------------
=
I
LB pk
()
3.3A
=
I
LB pk
()
490
×
0.9
0.95
×
90
×
2
×
-----------------------------------------------------
=
[Eq.12]
I
sat
0.001126
L
-------------------------
≤
[Eq.13]
I
FET pk
()
I
LB pk
()
=
I
FET pk
()
3.3A
=
[Eq.14]
I
Dpk
()
I
LB pk
()
=
I
Dpk
()
3.3A
=
[Eq.15]
I
Davg
()
Po
V
link
------------
=
I
Davg
()
0.225A
=
I
Davg
()
90
400
----------
=
[Eq.16]
[Eq.17]
C
out rip
()
P
O
2
π f
line min
()
×
V
link
×ΔV
link rip
()
×
---------------------------------------------------------------------------------------
=
C
out rip
()
90
2
π 45
×
400
×
10
×
-------------------------------------------------
80
μFuuseu100μF
==



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com