Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP4811-E/MC Datasheet(PDF) 18 Page - Microchip Technology

Part # MCP4811-E/MC
Description  8/10/12-Bit Voltage Output Digital-to-Analog Converter with Internal VREF and SPI Interface
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP4811-E/MC Datasheet(HTML) 18 Page - Microchip Technology

Back Button MCP4811-E/MC Datasheet HTML 14Page - Microchip Technology MCP4811-E/MC Datasheet HTML 15Page - Microchip Technology MCP4811-E/MC Datasheet HTML 16Page - Microchip Technology MCP4811-E/MC Datasheet HTML 17Page - Microchip Technology MCP4811-E/MC Datasheet HTML 18Page - Microchip Technology MCP4811-E/MC Datasheet HTML 19Page - Microchip Technology MCP4811-E/MC Datasheet HTML 20Page - Microchip Technology MCP4811-E/MC Datasheet HTML 21Page - Microchip Technology MCP4811-E/MC Datasheet HTML 22Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 48 page
background image
MCP4801/4811/4821
DS22244B-page 18
 2010 Microchip Technology Inc.
4.0.2
DNL ACCURACY
A Differential Non-Linearity (DNL) error is the measure
of the variations in code widths from the ideal code
width. A DNL error of zero indicates that every code is
exactly 1 LSb wide.
FIGURE 4-2:
Example for DNL Error.
4.0.3
OFFSET ERROR
Offset error is the deviation from zero voltage output
when the digital input code is zero.
4.0.4
GAIN ERROR
Gain error is the deviation from the ideal output,
VREF – 1 LSb, excluding the effects of offset error.
4.1
Circuit Descriptions
4.1.1
OUTPUT AMPLIFIER
The analog DAC output is buffered with a low-power,
precision CMOS amplifier. This amplifier provides low
offset voltage and low noise. The output stage enables
the device to operate with output voltages close to the
power supply rails. Refer to Section 1.0 “Electrical
Characteristics” for the analog output voltage range
and load conditions.
In addition to resistive load-driving capability, the
amplifier will also drive high capacitive loads without
oscillation. The amplifier’s strong output allows VOUT to
be used as a programmable voltage reference in a
system.
4.1.1.1
Programmable Gain Block
The rail-to-rail output amplifier has two configurable
gain options: a gain of 1x (<GA> = 1) or a gain of 2x
(<GA> = 0). The default setting is a gain of 2x. This
results in an ideal full-scale output of 0.000V to 4.096V
due to the internal reference (VREF = 2.048V).
4.1.2
VOLTAGE REFERENCE
The
MCP4801/4811/4821 devices utilize internal
2.048V voltage reference. The voltage reference has a
low
temperature
coefficient
and
low
noise
characteristics. Refer to Section 1.0 “Electrical Char-
acteristics” for the voltage reference specifications.
111
110
101
100
011
010
001
000
Digital
Input
Code
Actual
Transfer
Function
Ideal Transfer
Function
Narrow Code, <1 LSb
DAC Output
Wide Code, >1 LSb



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com