Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP4811-E/MS Datasheet(PDF) 22 Page - Microchip Technology

Part # MCP4811-E/MS
Description  8/10/12-Bit Voltage Output Digital-to-Analog Converter with Internal VREF and SPI Interface
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP4811-E/MS Datasheet(HTML) 22 Page - Microchip Technology

Back Button MCP4811-E/MS Datasheet HTML 18Page - Microchip Technology MCP4811-E/MS Datasheet HTML 19Page - Microchip Technology MCP4811-E/MS Datasheet HTML 20Page - Microchip Technology MCP4811-E/MS Datasheet HTML 21Page - Microchip Technology MCP4811-E/MS Datasheet HTML 22Page - Microchip Technology MCP4811-E/MS Datasheet HTML 23Page - Microchip Technology MCP4811-E/MS Datasheet HTML 24Page - Microchip Technology MCP4811-E/MS Datasheet HTML 25Page - Microchip Technology MCP4811-E/MS Datasheet HTML 26Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 48 page
background image
MCP4801/4811/4821
DS22244B-page 22
 2010 Microchip Technology Inc.
REGISTER 5-1:
WRITE COMMAND REGISTER FOR MCP4821 (12-BIT DAC)
REGISTER 5-2:
WRITE COMMAND REGISTER FOR MCP4811 (10-BIT DAC)
REGISTER 5-3:
WRITE COMMAND REGISTER FOR MCP4801 (8-BIT DAC)
Where:
W-x
W-x
W-x
W-0
W-x
W-x
W-x
W-x
W-x
W-x
W-x
W-x
W-x
W-x
W-x
W-x
0—
GA
SHDN
D11
D10
D9
D8
D7
D6
D5
D4
D3
D2
D1
D0
bit 15
bit 0
W-x
W-x
W-x
W-0
W-x
W-x
W-x
W-x
W-x
W-x
W-x
W-x
W-x
W-x
W-x
W-x
0—
GA
SHDN
D9
D8
D7
D6
D5
D4
D3
D2
D1
D0
x
x
bit 15
bit 0
W-x
W-x
W-x
W-0
W-x
W-x
W-x
W-x
W-x
W-x
W-x
W-x
W-x
W-x
W-x
W-x
0—
GA
SHDN
D7
D6
D5
D4
D3
D2
D1
D0
x
xx
x
bit 15
bit 0
bit 15 (1) 0 = Write to DAC register
1
= Ignore this command
bit 14
—
Don’t Care
bit 13
GA: Output Gain Selection bit
1
=1x (VOUT = VREF * D/4096)
0
=2x (VOUT = 2 * VREF * D/4096), where internal VREF = 2.048V.
bit 12
SHDN: Output Shutdown Control bit
1
=
Active mode operation. VOUT is available.
0
=
Shutdown the device. Analog output is not available. VOUT pin is connected to 500 ktypical)
bit 11-0
D11:D0: DAC Input Data bits. Bit x is ignored.
Note 1:
This bit must be ‘0’. The device ignores the write command if this MSB bit is not ‘0’.
Legend
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
-n = Value at POR
1 = bit is set
0 = bit is cleared
x = bit is unknown



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com