Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP4901 Datasheet(PDF) 3 Page - Microchip Technology

Part # MCP4901
Description  8/10/12-Bit Voltage Output Digital-to-Analog Converter with SPI Interface
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP4901 Datasheet(HTML) 3 Page - Microchip Technology

  MCP4901 Datasheet HTML 1Page - Microchip Technology MCP4901 Datasheet HTML 2Page - Microchip Technology MCP4901 Datasheet HTML 3Page - Microchip Technology MCP4901 Datasheet HTML 4Page - Microchip Technology MCP4901 Datasheet HTML 5Page - Microchip Technology MCP4901 Datasheet HTML 6Page - Microchip Technology MCP4901 Datasheet HTML 7Page - Microchip Technology MCP4901 Datasheet HTML 8Page - Microchip Technology MCP4901 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 50 page
background image
 2010 Microchip Technology Inc.
DS22248A-page 3
MCP4901/4911/4921
1.0
ELECTRICAL
CHARACTERISTICS
Absolute Maximum Ratings †
VDD ............................................................................................................. 6.5V
All inputs and outputs w.r.t ................VSS –0.3V to VDD+0.3V
Current at Input Pins ....................................................±2 mA
Current at Supply Pins ...............................................±50 mA
Current at Output Pins ...............................................±25 mA
Storage temperature .....................................-65°C to +150°C
Ambient temp. with power applied ................-55°C to +125°C
ESD protection on all pins
 4 kV (HBM), 400V (MM)
Maximum Junction Temperature (TJ). .........................+150°C
† Notice: Stresses above those listed under “Maximum
Ratings” may cause permanent damage to the device. This is
a stress rating only and functional operation of the device at
those or any other conditions above those indicated in the
operational listings of this specification is not implied.
Exposure to maximum rating conditions for extended periods
may affect device reliability.
ELECTRICAL CHARACTERISTICS
Electrical Specifications: Unless otherwise indicated, VDD = 5V, VSS = 0V, VREF = 2.048V, Output Buffer Gain
(G) = 2x, RL = 5 k to GND, CL = 100 pF TA = -40 to +85°C. Typical values are at +25°C.
Parameters
Sym
Min
Typ
Max
Units
Conditions
Power Requirements
Operating Voltage
VDD
2.7
—
5.5
Supply Current
IDD
—
175
350
µA
VDD = 5V
VDD = 3V
VREF input is unbuffered, all digital
inputs are grounded, all analog
outputs (VOUT) are unloaded.
Code = 0x000h
—
125
250
µA
Software Shutdown Current ISHDN_SW
—
3.3
6
µA
Power-on Reset circuit remains on
Power-On-Reset Threshold
VPOR
—2.0
—
V
DC Accuracy
MCP4901
Resolution
n
8
—
—
Bits
INL Error
INL
-1
±0.125
1
LSb
DNL
DNL
-0.5
±0.1
+0.5
LSb
Note 1
MCP4911
Resolution
n
10
—
—
Bits
INL Error
INL
-3.5
±0.5
3.5
LSb
DNL
DNL
-0.5
±0.1
+0.5
LSb
Note 1
MCP4921
Resolution
n
12
—
—
Bits
INL Error
INL
-12
±2
12
LSb
DNL
DNL
-0.75
±0.2
+0.75
LSb
Note 1
Note 1:
Guaranteed monotonic by design over all codes.
2:
This parameter is ensured by design, and not 100% tested.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com