Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP4901-E/MC Datasheet(PDF) 13 Page - Microchip Technology

Part # MCP4901-E/MC
Description  8/10/12-Bit Voltage Output Digital-to-Analog Converter with SPI Interface
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP4901-E/MC Datasheet(HTML) 13 Page - Microchip Technology

Back Button MCP4901-E/MC Datasheet HTML 9Page - Microchip Technology MCP4901-E/MC Datasheet HTML 10Page - Microchip Technology MCP4901-E/MC Datasheet HTML 11Page - Microchip Technology MCP4901-E/MC Datasheet HTML 12Page - Microchip Technology MCP4901-E/MC Datasheet HTML 13Page - Microchip Technology MCP4901-E/MC Datasheet HTML 14Page - Microchip Technology MCP4901-E/MC Datasheet HTML 15Page - Microchip Technology MCP4901-E/MC Datasheet HTML 16Page - Microchip Technology MCP4901-E/MC Datasheet HTML 17Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 50 page
background image
 2010 Microchip Technology Inc.
DS22248A-page 13
MCP4901/4911/4921
Note: Unless otherwise indicated, TA = +25°C, VDD = 5V, VSS = 0V, VREF = 2.048V, Gain = 2, RL = 5 k, CL = 100 pF.
FIGURE 2-23:
Input Hysteresis vs.
Temperature and VDD.
FIGURE 2-24:
VREF Input Impedance vs.
Temperature and VDD.
FIGURE 2-25:
VOUT High Limit vs.
Temperature and VDD.
FIGURE 2-26:
VOUT Low Limit vs.
Temperature and VDD.
FIGURE 2-27:
IOUT High Short vs.
Temperature and VDD.
FIGURE 2-28:
IOUT vs. VOUT. Gain = 1.
0
0.25
0.5
0.75
1
1.25
1.5
1.75
2
2.25
2.5
-40
-20
0
20
40
60
80
100 120
Ambient Temperature (ºC)
VDD
5.5V
4.0V
5.0V
3.0V
2.7V
155
160
165
170
175
-40
-20
0
20
40
60
80
100 120
Ambient Temperature (ºC)
VDD
5.5V -
2.7V
0
0.005
0.01
0.015
0.02
0.025
0.03
0.035
0.04
0.045
-40
-20
0
20
40
60
80
100 120
Ambient Temperature (ºC)
VDD
5.5V
4.0V
5.0V
3.0V
2.7V
0.0015
0.002
0.0025
0.003
0.0035
0.004
0.0045
-40 -20
0
20
40
60
80 100 120
Ambient Temperature (ºC)
VDD
5.5V
4.0V
5.0V
3.0V
2.7V
10
11
12
13
14
15
16
17
18
-40
-20
0
20
40
60
80
100 120
Ambient Temperature (ºC)
VDD
5.5V
4.0V
5.0V
3.0V
2.7V
0.0
1.0
2.0
3.0
4.0
5.0
6.0
02468
10
12
14
16
IOUT (mA)
VREF=4.0
Output Shorted to VSS
Output Shorted to VDD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com