Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP4901-E/P Datasheet(PDF) 1 Page - Microchip Technology

Part # MCP4901-E/P
Description  8/10/12-Bit Voltage Output Digital-to-Analog Converter with SPI Interface
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP4901-E/P Datasheet(HTML) 1 Page - Microchip Technology

  MCP4901-E/P Datasheet HTML 1Page - Microchip Technology MCP4901-E/P Datasheet HTML 2Page - Microchip Technology MCP4901-E/P Datasheet HTML 3Page - Microchip Technology MCP4901-E/P Datasheet HTML 4Page - Microchip Technology MCP4901-E/P Datasheet HTML 5Page - Microchip Technology MCP4901-E/P Datasheet HTML 6Page - Microchip Technology MCP4901-E/P Datasheet HTML 7Page - Microchip Technology MCP4901-E/P Datasheet HTML 8Page - Microchip Technology MCP4901-E/P Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 50 page
background image
 2010 Microchip Technology Inc.
DS22248A-page 1
MCP4901/4911/4921
Features
• MCP4901: 8-Bit Voltage Output DAC
• MCP4911: 10-Bit Voltage Output DAC
• MCP4921: 12-Bit Voltage Output DAC
• Rail-to-Rail Output
• SPI Interface with 20 MHz Clock Support
• Simultaneous Latching of the DAC Output
with LDAC Pin
• Fast Settling Time of 4.5 µs
• Selectable Unity or 2x Gain Output
• External Voltage Reference Input
• External Multiplier Mode
• 2.7V to 5.5V Single-Supply Operation
• Extended Temperature Range: -40°C to +125°C
Applications
• Set Point or Offset Trimming
• Precision Selectable Voltage Reference
• Motor Control Feedback Loop
• Digitally-Controlled Multiplier/Divider
• Calibration of Optical Communication Devices
Related Products
Description
The MCP4901/4911/4921 devices are single channel
8-bit, 10-bit and 12-bit buffered voltage output
Digital-to-Analog Converters (DACs), respectively. The
devices operate from a single 2.7V to 5.5V supply with
an SPI compatible Serial Peripheral Interface. The user
can configure the full-scale range of the device to be
VREF or 2*VREF by setting the gain selection option bit
(gain of 1 of 2).
The user can shut down the device by setting the Con-
figuration Register bit. In Shutdown mode, most of the
internal circuits are turned off for power savings, and
the output amplifier is configured to present a known
high resistance output load (500 k
typical.
The
devices
include
double-buffered
registers,
allowing synchronous updates of the DAC output using
the LDAC pin. These devices also incorporate a
Power-on Reset (POR) circuit to ensure reliable power-
up.
The devices utilize a resistive string architecture, with
its inherent advantages of low Differential Non-Linear-
ity (DNL) error and fast settling time. These devices are
specified
over
the
extended
temperature range
(+125°C).
The devices provide high accuracy and low noise
performance for consumer and industrial applications
where calibration or compensation of signals (such as
temperature, pressure and humidity) are required.
The MCP4901/4911/4921 devices are available in the
PDIP, SOIC, MSOP and DFN packages.
Package Types
P/N
DAC
Resolution
No. of
Channels
Voltage
Reference
(VREF)
MCP4801
8
1
Internal
(2.048V)
MCP4811
10
1
MCP4821
12
1
MCP4802
8
2
MCP4812
10
2
MCP4822
12
2
MCP4901
8
1
External
MCP4911
10
1
MCP4921
12
1
MCP4902
8
2
MCP4912
10
2
MCP4922
12
2
Note: The products listed here have similar AC/DC
performances.
DFN-8 (2x3)*
1
2
3
4
8
7
6
5
CS
SCK
SDI
VDD
VSS
VOUT
LDAC
MCP4901: 8-bit single DAC
MCP4911: 10-bit single DAC
MCP4921: 12-bit single DAC
8-Pin PDIP, SOIC, MSOP
1
2
3
4
8
7
6
5
CS
SCK
SDI
VDD
VSS
VOUT
LDAC
VREF
VREF
EP
9
* Includes Exposed Thermal Pad (EP); see Table 3-1.
8/10/12-Bit Voltage Output Digital-to-Analog Converter
with SPI Interface


Similar Part No. - MCP4901-E/P

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
MCP4901 MICROCHIP-MCP4901 Datasheet
1Mb / 50P
SPI Interface with 20 MHz Clock Support
01/27/15
More results

Similar Description - MCP4901-E/P

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
MCP4801 MICROCHIP-MCP4801 Datasheet
1Mb / 48P
8/10/12-Bit Voltage Output Digital-to-Analog Converter with Internal VREF and SPI Interface
2010
MCP4802 MICROCHIP-MCP4802 Datasheet
1Mb / 46P
8/10/12-Bit Dual Voltage Output Digital-to-Analog Converter with Internal VREF and SPI Interface
2010
MCP4902 MICROCHIP-MCP4902 Datasheet
3Mb / 48P
8/10/12-Bit Dual Voltage Output Digital-to-Analog Converter with SPI Interface
2010
MCP4706 MICROCHIP-MCP4706 Datasheet
15Mb / 86P
8-/10-/12-Bit Voltage Output Digital-to-Analog Converter with EEPROM and I2C Interface
2011
MCP4822E-SN MICROCHIP-MCP4822E-SN Datasheet
1Mb / 46P
8/10/12-Bit Dual Voltage Output Digital-to-Analog Converter with Internal VREF and SPI Interface
01/05/10
MCP4726A2T-E MICROCHIP-MCP4726A2T-E Datasheet
16Mb / 86P
8-/10-/12-Bit Voltage Output Digital-to-Analog Converter
11/29/11
logo
Texas Instruments
DAC6571EVM TI1-DAC6571EVM Datasheet
732Kb / 25P
INTERFACE, VOLTAGE OUTPUT, 10-BIT DIGITAL-TO-ANALOG CONVERTER
logo
Microchip Technology
MCP48FEBXX MICROCHIP-MCP48FEBXX Datasheet
1Mb / 92P
8-/10-/12-Bit Single/Dual Voltage Output Nonvolatile Digital-to-Analog Converters with SPI Interface
07/14/15
MCP48FVBXX MICROCHIP-MCP48FVBXX Datasheet
1Mb / 84P
8-/10-/12-Bit Single/Dual Voltage Output Volatile Digital-to-Analog Converters with SPI Interface
07/14/15
MCP48FXBX4 MICROCHIP-MCP48FXBX4 Datasheet
9Mb / 112P
8/10/12-Bit Quad/Octal Voltage Output, 6 LSb INL Digital-to-Analog Converters with SPI Interface
02/28/20
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com