Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC10F222E/P Datasheet(PDF) 31 Page - Microchip Technology

Part # PIC10F222E/P
Description  High-Performance Microcontrollers with 8-bit A/D
PDF  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC10F222E/P Datasheet(HTML) 31 Page - Microchip Technology

Back Button PIC10F222E/P Datasheet HTML 27Page - Microchip Technology PIC10F222E/P Datasheet HTML 28Page - Microchip Technology PIC10F222E/P Datasheet HTML 29Page - Microchip Technology PIC10F222E/P Datasheet HTML 30Page - Microchip Technology PIC10F222E/P Datasheet HTML 31Page - Microchip Technology PIC10F222E/P Datasheet HTML 32Page - Microchip Technology PIC10F222E/P Datasheet HTML 33Page - Microchip Technology PIC10F222E/P Datasheet HTML 34Page - Microchip Technology PIC10F222E/P Datasheet HTML 35Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 86 page
background image
© 2007 Microchip Technology Inc.
DS41270E-page 29
PIC10F220/222
7.0
ANALOG-TO-DIGITAL (A/D)
CONVERTER
The A/D converter allows conversion of an analog
signal into an 8-bit digital signal.
7.1
Clock Divisors
The A/D Converter has a single clock source setting,
INTOSC/4. The A/D Converter requires 13 TAD periods
to complete a conversion. The divisor values do not
affect the number of TAD periods required to perform a
conversion. The divisor values determine the length of
the TAD period.
7.2
Voltage Reference
Due to the nature of the design, there is no external
voltage reference allowed for the A/D Converter.
The A/D Converter reference voltage will always be
VDD.
7.3
Analog Mode Selection
The ANS<1:0> bits are used to configure pins for ana-
log input. Upon any Reset ANS<1:0> defaults to 11.
This configures pins AN0 and AN1 as analog inputs.
Pins configured as analog inputs are not available for
digital output. Users should not change the ANS bits
while a conversion is in process. ANS bits are active
regardless of the condition of ADON.
7.4
A/D Converter Channel Selection
The CHS bits are used to select the analog channel to
be sampled by the A/D Converter. The CHS bits
should not be changed during a conversion. To
acquire an analog signal, the CHS selection must
match one of the pin(s) selected by the ANS bits. The
Internal Absolute Voltage Reference can be selected
regardless of the condition of the ANS bits. All channel
selection information will be lost when the device
enters Sleep.
7.5
The GO/DONE bit
The GO/DONE bit is used to determine the status of a
conversion, to start a conversion and to manually halt a
conversion in process. Setting the GO/DONE bit starts
a conversion. When the conversion is complete, the A/
D Converter module clears the GO/DONE bit. A con-
version can be terminated by manually clearing the
GO/DONE bit while a conversion is in process. Manual
termination of a conversion may result in a partially
converted result in ADRES.
The GO/DONE bit is cleared when the device enters
Sleep, stopping the current conversion. The A/D Con-
verter does not have a dedicated oscillator, it runs off of
the system clock.
The GO/DONE bit cannot be set when ADON is clear.
7.6
Sleep
This A/D Converter does not have a dedicated A/D
Converter clock and therefore no conversion in Sleep
is possible. If a conversion is underway and a Sleep
command is executed, the GO/DONE and ADON bit
will be cleared. This will stop any conversion in process
and power-down the A/D Converter module to con-
serve power. Due to the nature of the conversion pro-
cess, the ADRES may contain a partial conversion. At
least 1 bit must have been converted prior to Sleep to
have partial conversion data in ADRES. The CHS bits
are reset to their default condition and CHS<1:0> = 11.
For accurate conversions, TAD must meet the following:
• 500 ns < TAD < 50
μs
•TAD = 1/(FOSC/divisor)
TABLE 7-1:
EFFECTS OF SLEEP AND WAKE ON ADCON0
Note:
Due to the fixed clock divisor, a conversion
will complete in 13 CPU instruction cycles.
Note:
The A/D Converter module consumes
power when the ADON bit is set even
when no channels are selected as analog
inputs. For low-power applications, it is
recommended that the ADON bit be
cleared when the A/D Converter is not in
use.
ANS1
ANS0
CHS1
CHS0
GO/DONE
ADON
Prior to Sleep
xxxx00
Prior to Sleep
xxxx11
Entering Sleep
Unchanged
Unchanged
1100
Wake
111100



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com