Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GTL2002 Datasheet(PDF) 5 Page - NXP Semiconductors

Part # GTL2002
Description  2-bit bidirectional low voltage translator
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

GTL2002 Datasheet(HTML) 5 Page - NXP Semiconductors

  GTL2002 Datasheet HTML 1Page - NXP Semiconductors GTL2002 Datasheet HTML 2Page - NXP Semiconductors GTL2002 Datasheet HTML 3Page - NXP Semiconductors GTL2002 Datasheet HTML 4Page - NXP Semiconductors GTL2002 Datasheet HTML 5Page - NXP Semiconductors GTL2002 Datasheet HTML 6Page - NXP Semiconductors GTL2002 Datasheet HTML 7Page - NXP Semiconductors GTL2002 Datasheet HTML 8Page - NXP Semiconductors GTL2002 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 22 page
background image
GTL2002_7
© NXP B.V. 2009. All rights reserved.
Product data sheet
Rev. 07 — 2 July 2009
5 of 22
NXP Semiconductors
GTL2002
2-bit bidirectional low voltage translator
8.
Application design-in information
8.1 Bidirectional translation
For the bidirectional clamping configuration, higher voltage to lower voltage or lower
voltage to higher voltage, the GREF input must be connected to DREF and both pins
pulled to HIGH side VCC through a pull-up resistor (typically 200 kΩ). A filter capacitor on
DREF is recommended. The processor output can be totem pole or open-drain (pull-up
resistors may be required) and the chip set output can be totem pole or open-drain
(pull-up resistors are required to pull the Dn outputs to VCC). However, if either output is
totem pole, data must be unidirectional or the outputs must be 3-stateable and the outputs
must be controlled by some direction control mechanism to prevent HIGH-to-LOW
contentions in either direction. If both outputs are open-drain, no direction control is
needed. The opposite side of the reference transistor (SREF) is connected to the
processor core power supply voltage. When DREF is connected through a 200 k
Ω resistor
to a 3.3 V to 5.5 V VCC supply and SREF is set between 1.0 V to (VCC − 1.5 V), the output
of each Sn has a maximum output voltage equal to SREF and the output of each Dn has
a maximum output voltage equal to VCC.
Typical bidirectional voltage translation.
Fig 6.
Bidirectional translation to multiple higher voltage levels such as an I2C-bus
application
GREF
DREF
002aac060
D1
D2
200 k
Ω
CHIPSET I/O
VCC
5 V
totem pole or
open-drain I/O
GND
SREF
S1
S2
increase bit size
by using 10-bit GTL2010
or 22-bit GTL2000
D3
D4
CHIPSET I/O
VCC
D5
Dn
3.3 V
S3
S4
S5
Sn
CPU I/O
VCORE
1.8 V
1.5 V
1.2 V
1.0 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com