Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GTL2002DP Datasheet(PDF) 2 Page - NXP Semiconductors

Part # GTL2002DP
Description  2-bit bidirectional low voltage translator
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

GTL2002DP Datasheet(HTML) 2 Page - NXP Semiconductors

  GTL2002DP Datasheet HTML 1Page - NXP Semiconductors GTL2002DP Datasheet HTML 2Page - NXP Semiconductors GTL2002DP Datasheet HTML 3Page - NXP Semiconductors GTL2002DP Datasheet HTML 4Page - NXP Semiconductors GTL2002DP Datasheet HTML 5Page - NXP Semiconductors GTL2002DP Datasheet HTML 6Page - NXP Semiconductors GTL2002DP Datasheet HTML 7Page - NXP Semiconductors GTL2002DP Datasheet HTML 8Page - NXP Semiconductors GTL2002DP Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 22 page
background image
GTL2002_7
© NXP B.V. 2009. All rights reserved.
Product data sheet
Rev. 07 — 2 July 2009
2 of 22
NXP Semiconductors
GTL2002
2-bit bidirectional low voltage translator
3.
Applications
I Any application that requires bidirectional or unidirectional voltage level translation
from any voltage between 1.0 V and 5.0 V to any voltage between 1.0 V and 5.0 V
I The open-drain construction with no direction pin is ideal for bidirectional low voltage
(e.g., 1.0 V, 1.2 V, 1.5 V, or 1.8 V) processor I2C-bus port translation to the normal
3.3 V or 5.0 V I2C-bus signal levels or GTL/GTL+ translation to LVTTL/TTL signal
levels.
4.
Ordering information
[1]
Also known as MSOP8.
[2]
GTL2002DP/Q900 is AEC-Q100 compliant. Contact i2c.support@nxp.com for PPAP.
4.1 Ordering options
[1]
‘X’ will change based on date code.
Table 1.
Ordering information
Type number
Package
Name
Description
Version
GTL2002D
SO8
plastic small outline package; 8 leads; body width 3.9 mm
SOT96-1
GTL2002DP
TSSOP8[1]
plastic thin shrink small outline package; 8 leads; body width 3 mm
SOT505-1
GTL2002DP/Q900[2]
TSSOP8[1]
plastic thin shrink small outline package; 8 leads; body width 3 mm
SOT505-1
GTL2002DC
VSSOP8
plastic very thin shrink small outline package; 8 leads;
body width 2.3 mm
SOT765-1
GTL2002GM
XQFN8U
plastic extremely thin quad flat package; no leads; 8 terminals;
UTLP based; body 1.6
× 1.6 × 0.5 mm
SOT902-1
Table 2.
Ordering options
Type number
Topside mark
Temperature range
GTL2002D
GTL2002
Tamb = −40 °C to +85 °C
GTL2002DP
2002
Tamb = −40 °C to +85 °C
GTL2002DP/Q900
2002
Tamb = −40 °C to +85 °C
GTL2002DC
2002
Tamb = −40 °C to +85 °C
GTL2002GM
G2X[1]
Tamb = −40 °C to +85 °C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com