Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GTL2010BS Datasheet(PDF) 18 Page - NXP Semiconductors

Part # GTL2010BS
Description  10-bit bidirectional low voltage translator
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

GTL2010BS Datasheet(HTML) 18 Page - NXP Semiconductors

Back Button GTL2010BS Datasheet HTML 12Page - NXP Semiconductors GTL2010BS Datasheet HTML 13Page - NXP Semiconductors GTL2010BS Datasheet HTML 14Page - NXP Semiconductors GTL2010BS Datasheet HTML 15Page - NXP Semiconductors GTL2010BS Datasheet HTML 16Page - NXP Semiconductors GTL2010BS Datasheet HTML 17Page - NXP Semiconductors GTL2010BS Datasheet HTML 18Page - NXP Semiconductors GTL2010BS Datasheet HTML 19Page - NXP Semiconductors GTL2010BS Datasheet HTML 20Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 18 / 20 page
background image
GTL2010_6
© NXP B.V. 2008. All rights reserved.
Product data sheet
Rev. 06 — 3 March 2008
18 of 20
NXP Semiconductors
GTL2010
10-bit bidirectional low voltage translator
17. Revision history
Table 16.
Revision history
Document ID
Release date
Data sheet status
Change notice
Supersedes
GTL2010_6
20080303
Product data sheet
-
GTL2010_5
Modifications:
• The format of this data sheet has been redesigned to comply with the new identity guidelines of
NXP Semiconductors.
• Legal texts have been adapted to the new company name where appropriate.
• Table 7 “Limiting values[1]”: deleted (old) table note [1] (statement is now in Section 18.3
“Disclaimers”)
• Table 9 “Static characteristics”:
– Ron maximum value for condition VI =0V; IO = 64 mA; VGREF = 1.5 V changed from 105 Ω to
115
Ω
– Symbol “IIH, gate input leakage” changed to “ILI(G), gate input leakage current”
GTL2010_5
(9397 750 13854)
20040728
Product data sheet
-
GTL2010_4
GTL2010_4
(9397 750 11458)
20030502
Product data
853-2153 29981 of
2003 May 01
GTL2010_3
GTL2010_3
(9397 750 11352)
20030401
Product data
853-2153 29603 of
2003 Feb 28
GTL2010_2
GTL2010_2
(9397 750 07462)
20000830
Product specification
853-2153 24452 of
2000 Aug 30
GTL2010_1
GTL2010_1
19990405
Product specification
-
-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com