Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADS5400IPZP Datasheet(PDF) 42 Page - Texas Instruments

Click here to check the latest version.
Part # ADS5400IPZP
Description  12-Bit, 1-GSPS Analog-to-Digital Converter
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ADS5400IPZP Datasheet(HTML) 42 Page - Texas Instruments

Back Button ADS5400IPZP Datasheet HTML 38Page - Texas Instruments ADS5400IPZP Datasheet HTML 39Page - Texas Instruments ADS5400IPZP Datasheet HTML 40Page - Texas Instruments ADS5400IPZP Datasheet HTML 41Page - Texas Instruments ADS5400IPZP Datasheet HTML 42Page - Texas Instruments ADS5400IPZP Datasheet HTML 43Page - Texas Instruments ADS5400IPZP Datasheet HTML 44Page - Texas Instruments ADS5400IPZP Datasheet HTML 45Page - Texas Instruments ADS5400IPZP Datasheet HTML 46Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 48 page
background image
SINAD + 10log10
P
S
P
N ) PD
THD + 10log10
P
S
P
D
ADS5400
SLAS611B – OCT 2009 – REVISED MARCH 2010
www.ti.com
Signal-to-Noise and Distortion (SINAD)
SINAD is the ratio of the power of the fundamental (PS) to the power of all the other spectral components
including noise (PN) and distortion (PD), but excluding dc.
(5)
SINAD is either given in units of dBc (dB to carrier) when the absolute power of the fundamental is used as the
reference, or dBFS (dB to full scale) when the power of the fundamental is extrapolated to the converter’s
full-scale range.
Temperature Drift
Temperature drift (with respect to gain error and offset error) specifies the change from the value at the nominal
temperature to the value at TMIN or TMAX. It is computed as the maximum variation the parameters over the whole
temperature range divided by TMIN – TMAX.
Total Harmonic Distortion (THD)
THD is the ratio of the power of the fundamental (PS) to the power of the first five harmonics (PD).
(6)
THD is typically given in units of dBc (dB to carrier).
Two-Tone Intermodulation Distortion (IMD3)
IMD3 is the ratio of the power of the fundamental (at frequencies f1, f2) to the power of the worst spectral
component at either frequency 2f1 – f2 or 2f2 – f1). IMD3 is given in units of either dBc (dB to carrier) when the
absolute power of the fundamental is used as the reference, or dBFS (dB to full scale) when the power of the
fundamental is extrapolated to the converter’s full-scale range.
SPACER
REVISION HISTORY
Changes from Original (October 2009) to Revision A
Page
•
Changed the FEATURES list ................................................................................................................................................ 1
•
Changed Abs Max, Recommended Op Conditions, and Electrical Specs values. ............................................................... 2
•
Changed the description of the ANALOG INPUT entry in the Rec Op Condition table From: Differential input range
To: Full-scale differential input range .................................................................................................................................... 3
•
Changed the Rec Op table, VCM - TYP value From: 2.5V To AVDD5/2 ............................................................................... 3
•
Changed the description of the ANALOG INPUT entry in the Elect Char table From: Differential input range To:
Full-scale differential input range .......................................................................................................................................... 3
•
Changed the Elect Char table, VCM - TYP value From: 2.5V To AVDD5/2 .......................................................................... 3
•
Changed the Timing Diagrams illustrations .......................................................................................................................... 9
•
Changed Figure 1 ................................................................................................................................................................. 9
•
Changed Figure 2 ............................................................................................................................................................... 10
•
Changed Figure 3 ............................................................................................................................................................... 11
•
Changed Figure 4 ............................................................................................................................................................... 12
•
Changed Figure 5 ............................................................................................................................................................... 13
•
Deleted text "Internal pull-down resistor" from the SCLK, SDIO, and SDO pins in the Pin Functions table ...................... 15
•
Changed the SDENB pin text From: "Internal pull-up resistor" To: "Internal 100k
Ω pull-up resisto" in the Pin
Functions table .................................................................................................................................................................... 15
•
Added Note to the Pin Functions table - This pin contains an internal ~40k
Ω pull-down resistor, to ground. ................... 15
•
Changed Table 8 BIT <7:3>, Title and description ............................................................................................................. 20
•
Changed Table 9 BIT <0>, Default setting description, and BIT <7:2> description ........................................................... 20
•
Changed Table 10 BIT <0>, Default setting description ..................................................................................................... 21
42
Copyright © 2009–2010, Texas Instruments Incorporated
Product Folder Link(s): ADS5400



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com