Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IP4085CX4 Datasheet(PDF) 13 Page - NXP Semiconductors

Part # IP4085CX4
Description  Integrated high-performance ESD-protection diodes to IEC61000-4-2, level 4
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

IP4085CX4 Datasheet(HTML) 13 Page - NXP Semiconductors

Back Button IP4085CX4 Datasheet HTML 8Page - NXP Semiconductors IP4085CX4 Datasheet HTML 9Page - NXP Semiconductors IP4085CX4 Datasheet HTML 10Page - NXP Semiconductors IP4085CX4 Datasheet HTML 11Page - NXP Semiconductors IP4085CX4 Datasheet HTML 12Page - NXP Semiconductors IP4085CX4 Datasheet HTML 13Page - NXP Semiconductors IP4085CX4 Datasheet HTML 14Page - NXP Semiconductors IP4085CX4 Datasheet HTML 15Page - NXP Semiconductors IP4085CX4 Datasheet HTML 16Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
IP4085_4385_4386_4387_CX4_1
© NXP B.V. 2009. All rights reserved.
Product data sheet
Rev. 01 — 26 March 2009
13 of 16
NXP Semiconductors
IP4085/4385/4386/4387/CX4
Integrated high-performance ESD-protection diodes
11. Design and assembly recommendations
11.1 PCB design guidelines
For optimum performance it is recommended to use a Non-Solder Mask PCB Design
(NSMD), also known as a copper-defined design, incorporating laser-drilled micro-vias
connecting the ground pads to a buried ground-plane layer. This results in the lowest
possible ground inductance and provides the best high frequency and ESD performance.
For this case, refer to Table 6 for the recommended PCB design parameters.
11.2 PCB assembly guidelines for Pb-free soldering
Table 6.
Recommended PCB design parameters
Parameter
Value or Specification
PCB pad diameter
200
µm
Micro-via diameter
100
µm (0.004 inch)
Solder mask aperture diameter
370
µm
Copper thickness
20
µm to 40 µm
Copper finish
AuNi
PCB material
FR4
Table 7.
Assembly recommendations
Parameter
Value or Specification
Solder screen aperture diameter
330
µm
Solder screen thickness
100
µm (0.004 inch)
Solder paste: Pb-free
SnAg (3 % to 4 %) Cu (0.5 % to 0.9 %)
Solder/flux ratio
50/50
Solder reflow profile
see Figure 22
The device is capable of withstanding at least three reflows of this profile.
Fig 22. Pb-free solder reflow profile
001aai943
Treflow(peak)
250
230
217
T
(
°C)
cooling rate
pre-heat
t1
t5
t4
t3
t2
t (s)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com