Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IP4365CX11/P Datasheet(PDF) 6 Page - NXP Semiconductors

Part # IP4365CX11/P
Description  Integrated (U)SIM card passive filter array and USB full speed ESD protection to IEC 61000-4-2 level 4
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

IP4365CX11/P Datasheet(HTML) 6 Page - NXP Semiconductors

Back Button IP4365CX11/P Datasheet HTML 2Page - NXP Semiconductors IP4365CX11/P Datasheet HTML 3Page - NXP Semiconductors IP4365CX11/P Datasheet HTML 4Page - NXP Semiconductors IP4365CX11/P Datasheet HTML 5Page - NXP Semiconductors IP4365CX11/P Datasheet HTML 6Page - NXP Semiconductors IP4365CX11/P Datasheet HTML 7Page - NXP Semiconductors IP4365CX11/P Datasheet HTML 8Page - NXP Semiconductors IP4365CX11/P Datasheet HTML 9Page - NXP Semiconductors IP4365CX11/P Datasheet HTML 10Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
IP4365CX11_1
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2010. All rights reserved.
Product data sheet
Rev. 01 — 26 March 2010
6 of 12
NXP Semiconductors
IP4365CX11
Integrated SIM card passive filter array and USB ESD protection
7.3 Crosstalk
The crosstalk measurement configuration of a typical 50
Ω NWA system for evaluation of
the IP4365CX11 is shown in Figure 6.
Six typical examples of crosstalk measurement results of IP4365CX11 are depicted in
Figure 7. Unused channels are terminated with 50
Ω to ground.
Fig 6.
Crosstalk measurement configuration
(1) Pin B1 to pin C3.
(2) Pin B1 to pin A3.
(3) Pin A1 to pin B3.
Fig 7.
Measured crosstalk between different channels
OUT_2
001aai756
50
Ω
50
Ω
Vgen
DUT
IN_1
OUT_1
IN_2
TEST BOARD
50
Ω
50
Ω
008aaa215
−60
−40
−80
−20
0
−100
f (MHz)
1104
103
10
102
(1)
(2)
(3)
αct
(dB)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com