Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM211P Datasheet(PDF) 12 Page - Texas Instruments

Click here to check the latest version.
Part # LM211P
Description  DIFFERENTIAL COMPARATORS WITH STROBES
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM211P Datasheet(HTML) 12 Page - Texas Instruments

Back Button LM211P Datasheet HTML 8Page - Texas Instruments LM211P Datasheet HTML 9Page - Texas Instruments LM211P Datasheet HTML 10Page - Texas Instruments LM211P Datasheet HTML 11Page - Texas Instruments LM211P Datasheet HTML 12Page - Texas Instruments LM211P Datasheet HTML 13Page - Texas Instruments LM211P Datasheet HTML 14Page - Texas Instruments LM211P Datasheet HTML 15Page - Texas Instruments LM211P Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 28 page
background image
LM111, LM211, LM311
DIFFERENTIAL COMPARATORS WITH STROBES
SLCS007H − SEPTEMBER 1973 − REVISED AUGUST 2003
12
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
APPLICATION INFORMATION
† Resistor values shown are for a 0- to 30-V logic swing and a 15-V threshold.
‡ May be added to control speed and reduce susceptibility to noise spikes
5 V
1 k
Ω
240 k
Ω
82 k
Ω
47 k
Ω
82 k
Ω
Output to TTL
Input†
‡
Figure 15. TTL Interface With High-Level Logic
Figure 16. Detector for Magnetic Transducer
5 V
2 k
Ω
4.5 k
Ω
1 k
Ω
Magnetic
Transducer
Output
to TTL
Figure 17. 100-kHz Crystal Oscillator
0.1
μF
50 k
Ω
VCC+
2 k
Ω
100 k
Ω
100 k
Ω
100 kHz
Output
10 pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com