Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KTY83/121 Datasheet(PDF) 7 Page - NXP Semiconductors

Part # KTY83/121
Description  Silicon temperature sensors
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

KTY83/121 Datasheet(HTML) 7 Page - NXP Semiconductors

Back Button KTY83/121 Datasheet HTML 2Page - NXP Semiconductors KTY83/121 Datasheet HTML 3Page - NXP Semiconductors KTY83/121 Datasheet HTML 4Page - NXP Semiconductors KTY83/121 Datasheet HTML 5Page - NXP Semiconductors KTY83/121 Datasheet HTML 6Page - NXP Semiconductors KTY83/121 Datasheet HTML 7Page - NXP Semiconductors KTY83/121 Datasheet HTML 8Page - NXP Semiconductors KTY83/121 Datasheet HTML 9Page - NXP Semiconductors KTY83/121 Datasheet HTML 10Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
KTY83_SER_6
© NXP B.V. 2008. All rights reserved.
Product data sheet
Rev. 06 — 4 April 2008
7 of 10
NXP Semiconductors
KTY83 series
Silicon temperature sensors
Fig 1.
Maximum expected temperature error (
∆T)
Fig 2.
Maximum operating current for safe operation
To keep the temperature error low, an operating current
of Isen(cont) = 1 mA is recommended for temperatures
above 100
°C
Tamb =25 °C
Fig 3.
Sensor resistance as a function of operating
current
Fig 4.
Deviation of sensor resistance as a function of
operating current in still liquid
−50
0
4
−4
−8
0
150
8
50
100
mgg693
Tamb (°C)
∆T
(K)
KTY83/151
KTY83/120
KTY83/110
/121
/122
−50
0
50
200
12
0
4
8
150
100
mgg706
Tamb (°C)
Isen(cont)
(mA)
3
2
1
0
mgg697
110
10−1
Isen(cont) (mA)
R
(k
Ω)
150
°C
175
°C
25
°C
0
°C
125
°C
75
°C
100
°C
−55 °C
−25 °C
50
°C
2
20
10
0
−10
01
mgg707
Isen(cont) (mA)
∆R
(
Ω)



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com