Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KTY83/122 Datasheet(PDF) 3 Page - NXP Semiconductors

Part # KTY83/122
Description  Silicon temperature sensors
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

KTY83/122 Datasheet(HTML) 3 Page - NXP Semiconductors

  KTY83/122 Datasheet HTML 1Page - NXP Semiconductors KTY83/122 Datasheet HTML 2Page - NXP Semiconductors KTY83/122 Datasheet HTML 3Page - NXP Semiconductors KTY83/122 Datasheet HTML 4Page - NXP Semiconductors KTY83/122 Datasheet HTML 5Page - NXP Semiconductors KTY83/122 Datasheet HTML 6Page - NXP Semiconductors KTY83/122 Datasheet HTML 7Page - NXP Semiconductors KTY83/122 Datasheet HTML 8Page - NXP Semiconductors KTY83/122 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
KTY83_SER_6
© NXP B.V. 2008. All rights reserved.
Product data sheet
Rev. 06 — 4 April 2008
3 of 10
NXP Semiconductors
KTY83 series
Silicon temperature sensors
6.
Characteristics
[1]
The thermal time constant is the time taken for the sensor to reach 63.2 % of the total temperature difference. For example, if a sensor
with a temperature of 25
°C is moved to an environment with an ambient temperature of 100 °C, the time for the sensor to reach a
temperature of 72.4
°C is the thermal time constant.
Table 6.
Characteristics
Tamb =25 °C; in liquid; unless otherwise specified.
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
R25
sensor resistance
Isen(cont) =1mA
KTY83/110
990
-
1010
Ω
KTY83/120
980
-
1020
Ω
KTY83/121
980
-
1000
Ω
KTY83/122
1000
-
1020
Ω
KTY83/150
950
-
1050
Ω
KTY83/151
950
-
1000
Ω
TC
temperature coefficient
-
0.76
-
%/K
R100/R25
resistance ratio
Tamb = 100 °C and 25 °C
1.65
1.67
1.69
R−55/R25
resistance ratio
Tamb = −55 °C and 25 °C
0.49
0.50
0.51
∆R25
drift of sensor resistance at
25
°C
10000 h continuous
operation; Tamb = 175 °C
-1
-
Ω
τth
thermal time constant
in still air
[1] -20
-
s
in still liquid
[1] -1
-s
in flowing liquid
[1] -
0.5
-
s



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com