Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZTX656 Datasheet(PDF) 2 Page - Zetex Semiconductors

Part # ZTX656
Description  NPN SILICON PLANAR MEDIUM POWER HIGH VOLTAGE TRANSISTORS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZETEX [Zetex Semiconductors]
Direct Link  http://www.diodes.com/
Logo ZETEX - Zetex Semiconductors

ZTX656 Datasheet(HTML) 2 Page - Zetex Semiconductors

  ZTX656 Datasheet HTML 1Page - Zetex Semiconductors ZTX656 Datasheet HTML 2Page - Zetex Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
NPN SILICON PLANAR MEDIUM POWER
HIGH VOLTAGE TRANSISTORS
ISSUE 2 – JULY 94
FEATURES
* 300 Volt VCEO
* 0.5 Amp continuous current
*Ptot=1 Watt
ABSOLUTE MAXIMUM RATINGS.
PARAMETER
SYMBOL
ZTX656
ZTX657
UNIT
Collector-Base Voltage
VCBO
200
300
V
Collector-Emitter Voltage
VCEO
200
300
V
Emitter-Base Voltage
VEBO
5V
Peak Pulse Current
ICM
1A
Continuous Collector Current
IC
0.5
A
Power Dissipation at Tamb=25°C
Ptot
1W
Operating and Storage Temperature
Range
Tj:Tstg
-55 to +200
°C
ELECTRICAL CHARACTERISTICS (at Tamb= 25°C unless otherwise stated).
PARAMETER
SYMBOL
ZTX656
ZTX657
UNIT CONDITIONS.
MIN.
MAX. MIN.
MAX.
Collector-Base
Breakdown Voltage
V(BR)CBO
200
300
V
IC=100µA, IE=0
Collector-Emitter
Breakdown Voltage
V(BR)CEO
200
300
V
IC=10mA, IB=0*
Emitter-Base
Breakdown Voltage
V(BR)EBO
55V
IE=100µA, IC=0
Collector Cut-Off
Current
ICBO
100
100
nA
nA
VCB=160V, IE=0
VCB=200V, IE=0
Emitter Cut-Off
Current
IEBO
100
100
nA
VEB=3V, IC=0
Collector-Emitter
Saturation Voltage
VCE(sat)
0.5
0.5
V
IC=100mA, IB=10mA*
Base-Emitter
Saturation Voltage
VBE(sat)
11
V
IC=100mA, IB=10mA*
Base-Emitter
Turn-On Voltage
VBE(on)
1
1
V
IC=100mA, VCE=5V*
Static Forward
Current Transfer
Ratio
hFE
50
40
50
40
IC=100mA, VCE=5V
IC=10mA, VCE=5V
Transition
Frequency
fT
30
30
MHz
IC=10mA, VCE=20V
f=20MHz
E-Line
TO92 Compatible
ZTX656
ZTX657
3-227
C
B
E
TYPICAL CHARACTERISTICS
VCE(sat) v IC
IC - Collector Current (Amps)
VCE - Collector Voltage (Volts)
Safe Operating Area
1
1000
10
100
0.001
0.01
0.1
1
Single Pulse Test at Tamb=25°C
D.C.
1s
100ms
10ms
1.0ms
300µs
0.01
0.1
10
1
IC - Collector Current (Amps)
VBE(sat) v IC
IC/IB=10
IC - Collector Current (Amps)
hFE v IC
0.01
10
0.1
1
VCE=5V
0.01
10
0.1
1
0.6
0.8
1.0
1.2
IC/IB=10
0.4
IC - Collector Current (Amps)
VBE(on) v IC
Switching Speeds
IC - Collector Current (Amps)
0.1
1
IB1=IB2=IC/10
0.01
ts
tf
td
tr
1.2
1.4
0
ts
µs
2
1
3
td
tr
tf
µs
0.6
0.4
0.2
0.8
1.0
40
60
80
100
20
0
0.01
10
0.1
1
0.6
0.8
1.0
1.2
0.4
VCE=5V
ZTX656
VCE=10V
0.4
0.6
0.8
1.0
0.2
0
1.4
1.6
1.2
1.8
0
ZTX657
ZTX656
ZTX657
3-228



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com