Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IXFN520N075T2 Datasheet(PDF) 2 Page - IXYS Corporation

Part # IXFN520N075T2
Description  TrenchT2 GigaMOS HiperFET Power MOSFET
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

IXFN520N075T2 Datasheet(HTML) 2 Page - IXYS Corporation

  IXFN520N075T2 Datasheet HTML 1Page - IXYS Corporation IXFN520N075T2 Datasheet HTML 2Page - IXYS Corporation IXFN520N075T2 Datasheet HTML 3Page - IXYS Corporation IXFN520N075T2 Datasheet HTML 4Page - IXYS Corporation IXFN520N075T2 Datasheet HTML 5Page - IXYS Corporation IXFN520N075T2 Datasheet HTML 6Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
IXYS Reserves the Right to Change Limits, Test Conditions, and Dimensions.
IXFN520N075T2
IXYS MOSFETs and IGBTs are covered
4,835,592
4,931,844
5,049,961
5,237,481
6,162,665
6,404,065 B1
6,683,344
6,727,585
7,005,734 B2
7,157,338B2
by one or more of the following U.S. patents: 4,850,072
5,017,508
5,063,307
5,381,025
6,259,123 B1
6,534,343
6,710,405 B2 6,759,692
7,063,975 B2
4,881,106
5,034,796
5,187,117
5,486,715
6,306,728 B1
6,583,505
6,710,463
6,771,478 B2 7,071,537
Note 1. Pulse test, t
≤ 300μs, duty cycle, d ≤ 2%.
SOT-227B (IXFN) Outline
(M4 screws (4x) supplied)
Symbol
Test Conditions
Characteristic Values
(T
J = 25°C, Unless Otherwise Specified)
Min.
Typ.
Max.
g
fs
V
DS = 10V, ID = 60A, Note 1
65
105
S
C
iss
41
nF
C
oss
V
GS = 0V, VDS = 25V, f = 1MHz
4150
pF
C
rss
530
pF
R
Gi
Gate Input Resistance
1.36
Ω
t
d(on)
48
ns
t
r
36
ns
t
d(off)
80
ns
t
f
35
ns
Q
g(on)
545
nC
Q
gs
V
GS = 10V, VDS = 0.5 • VDSS, ID = 260A
177
nC
Q
gd
135
nC
R
thJC
0.16
°C/W
R
thCS
0.05
°C/W
Source-Drain Diode
Symbol
Test Conditions
Characteristic Values
(T
J = 25°C, Unless Otherwise Specified)
Min.
Typ.
Max.
I
S
V
GS = 0V
520
A
I
SM
Repetitive, Pulse Width Limited by T
JM
1600
A
V
SD
I
F = 100A, VGS = 0V, Note 1
1.25
V
t
rr
150 ns
I
RM
7
A
Q
RM
357
nC
Resistive Switching Times
V
GS = 10V, VDS = 0.5 • VDSS, ID = 200A
R
G = 1Ω (External)
I
F = 150A, VGS = 0V
-di/dt = 100A/
μs
V
R = 37.5V
PRELIMINARY TECHNICAL INFORMATION
The product presented herein is under development. The Technical Specifications offered are derived
from data gathered during objective characterizations of preliminary engineering lots; but also may yet
contain some information supplied during a pre-production design evaluation. IXYS reserves the right
to change limits, test conditions, and dimensions without notice.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com