Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM75ADP Datasheet(PDF) 9 Page - NXP Semiconductors

Part # LM75ADP
Description  Digital temperature sensor and thermal watchdog
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

LM75ADP Datasheet(HTML) 9 Page - NXP Semiconductors

Back Button LM75ADP Datasheet HTML 5Page - NXP Semiconductors LM75ADP Datasheet HTML 6Page - NXP Semiconductors LM75ADP Datasheet HTML 7Page - NXP Semiconductors LM75ADP Datasheet HTML 8Page - NXP Semiconductors LM75ADP Datasheet HTML 9Page - NXP Semiconductors LM75ADP Datasheet HTML 10Page - NXP Semiconductors LM75ADP Datasheet HTML 11Page - NXP Semiconductors LM75ADP Datasheet HTML 12Page - NXP Semiconductors LM75ADP Datasheet HTML 13Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 24 page
background image
LM75A_4
© NXP B.V. 2007. All rights reserved.
Product data sheet
Rev. 04 — 10 July 2007
9 of 24
NXP Semiconductors
LM75A
Digital temperature sensor and thermal watchdog
When a set-point register is read, all 16 bits are provided to the bus and must be collected
by the controller to complete the bus operation. However, only the 9 most significant bits
should be used and the 7 LSB of the LSByte are equal to zero and should be ignored.
Table 13 shows examples of the limit data and value.
7.5 OS output and polarity
The OS output is an open-drain output and its state represents results of the device
watchdog operation as described in Section 7.1. In order to observe this output state, an
external pull-up resistor is needed. The resistor should be as large as possible, up to
200 k
Ω, to minimize the Temp reading error due to internal heating by the high OS sinking
current.
The OS output active state can be selected as HIGH or LOW by programming bit B2
(OS_POL) of register Conf: setting bit OS_POL to logic 1 selects OS active HIGH and
setting bit B2 to logic 0 sets OS active LOW. At power-up, bit OS_POL is equal to logic 0
and the OS active state is LOW.
7.6 OS comparator and interrupt modes
As described in Section 7.1, the device OS output responds to the result of the
comparison between register Temp data and the programmed limits, in registers Tos and
Thyst, in different ways depending on the selected OS mode: OS comparator or
OS interrupt. The OS mode is selected by programming bit B1 (OS_COMP_INT) of
register Conf: setting bit OS_COMP_INT to logic 1 selects the OS interrupt mode, and
setting to logic 0 selects the OS comparator mode. At power-up, bit OS_COMP_INT is
equal to logic 0 and the OS comparator is selected.
Table 11.
Tos register
MSByte
LSByte
7654321076543210
D8
D7
D6
D5
D4
D3
D2
D1
D0
XXXXXXX
Table 12.
Thyst register
MSByte
LSByte
7654321076543210
D8
D7
D6
D5
D4
D3
D2
D1
D0
XXXXXXX
Table 13.
Tos and Thyst limit data and value
11-bit binary
(2’s complement)
Hexadecimal value
Decimal value
Value
0 1111 1010
0FA
250
+125.0
°C
0 0011 0010
032
50
+25.0
°C
0 0000 0001
001
1
+0.5
°C
0 0000 0000
000
0
0.0
°C
1 1111 1111
1FF
−1
−0.5 °C
1 1100 1110
1CE
−50
−25.0 °C
1 1001 0010
192
−110
−55.0 °C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com